Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3783CS Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC3783CS
Description  LED Digital Charger IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC3783CS Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC3783CS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC3783CS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC3783C(文件编号:S&CIC0988)
LED 数码充电器 IC
第 4 页 共 5 页
五、典型参数(以下参数均在室温 25℃下测得,并以 GND 端电位为 0 电位,DIP 封装芯片测得)
参数名称
参数符号
测试条件
最小
值
典型
值
最大
值
单
位
输入电压
VDD
--
5.0
7.0
7.5
V
饱和电压
VS
VDD=6V
4.20
4.25
4.30
V
空载电压
VO
VDD=6V, 电池空载
4.16
4.24
4.32
V
充电电流
ICHARGE
VDD=6V, │V
BTP-VBTN│<3.5V
--
200
300
mA
短路检测
VSHORT
VDD=6V, │V
BTP-VBTN│:3V-0V
1.9
2.0
2.4
V
振荡频率
FOSC
VDD=6V, │V
BTP-VBTN│=3.5V
--
1.4
---
Hz
注:充电电流应用在最大值时需考虑产品的散热设计。
二、
PAD 点位图及坐标
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Rev ision
Size
B
Date :
30-J ul-2012
Shee t
of
File:
C:\Doc um ents and Set tings\Adm inistrat or\桌面\待做的规格书\TC3783 C\TC3783 C.ddb
Dra wn By :
VDD
BTN
LDO
F1
F2
F3
F4
SEL
LBAT
S1
S2
S3
S4
COM
GND
BTP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com