| Electronic Components Datasheet Search |
|
C4SMB-RGY-CV24QBB1 Datasheet(PDF) 9 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMB-RGY-CV24QBB1 Datasheet(HTML) 9 Page - Cree, Inc |
|
9 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 9 Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 9 Cree 4-mm Oval LED C4SMB-RGY/GGY/BGY REFLOW SOLDERING The LED soldering specification is shown below(suitable for both leaded solder & lead-free solder): Manual Soldering Solder Dipping Soldering iron 35 W max Preheat 110 ºC max Temperature 300 ºC max Preheat time 60 seconds max Solder-bath temperature 260 ºC Max Soldering time 3 seconds max Dipping time 5 seconds max Position Not less than 3 mm from the base of the package. Position Not less than 3 mm from the base of the package. • Manual soldering onto the PCB is not recommended because soldering time is uncontrollable. • The recommended wave soldering is as below: 10 20 30 40 50 60 70 80 90 100 110 120 0 30 150 100 300 250 200 50 Times (sec) laminar wave Fluxing Preheat • Do not apply any stress to the LED package, particularly when heated. • Only bottom preheat is suggested & should not preheat on top in order to reduce thermal stress experienced by the LEDs. • The LEDs must not be re used once they have been extracted from PCB. • After soldering the LEDs, the package should be protected from mechanical shock or vibration until the LEDs have reached 40 ºC or below. • Precautions must be taken as mechanical stress on the LEDs may be caused by PCB warpage or from the clinching and cutting of the LED leads. • When it is necessary to clam the LEDs during soldering, it is important to ensure no mechanical stress is exerted on the LEDs. • Cut the LED lead at normal room temperature. Lead cutting at high temperature may cause failure of the LEDs. Refer to "http://www.cree.com/led-components/media/documents/sh-HB.pdf" for soldering & handling details. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |