Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPM2005B Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KPM2005B
Description  PSchottky Hybrid MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KPM2005B Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KPM2005B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KPM2005B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KPM2005B Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KPM2005B Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KPM2005B Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P+Schottky Hybrid MOSFET
WPM2005B (KPM2005B)
■
Typical Characterisitics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
T J = 150
。
C
ID = 2.7 A
10
1
e
g
a
tl
o
V
e
c
r
u
o
S
-
o
t-
e
t
a
G
.
s
v
e
c
n
a
t
s
i
s
e
R
-
n
O
e
g
a
tl
o
V
d
r
a
w
r
o
F
e
d
o
i
D
n
i
a
r
D
-
e
c
r
u
o
S
VSD
V
)
V
(
e
g
a
tl
o
V
n
i
a
r
D
-
o
t-
e
c
r
u
o
S
--
GS -- Gate-to-Source Voltage (V)
T J = 25 C
0
30
50
10
20
Single Pulse Power
Time (sec)
40
1
100
600
10
10--1
10--2
10--4 10--3
10--3
10--2
0
0
6
0
1
1
10--1
10--4
100
--0.2
--0.1
0.0
0.1
0.2
0.3
0.4
--50
--25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ -- Temperature ( C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 90 C/W
3. TJM -- TA= P DM ZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
P DM
。
。
。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com