Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXMS6004FF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KXMS6004FF
Description  N-Channel Self Protected Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KXMS6004FF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KXMS6004FF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Transistors
www.kexin.com.cn
3
MOSFET
SMD Type
Over-voltage
Protection
ESD
Protection
Over-temperature
Protection
Over-current
Protection
Logic
dV/dt
Limitation
IN
D
S
N-Channel Self Protected
Enhancement Mode MOSFET
ZXMS6004FF(KXMS6004FF)
Functional block diagram
The ZXMS6004FF is optimised for use with μC operating from 3.3V and 5V supplies.
s
t
i
n
U
x
a
M
n
i
M
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
VIN
V
5
.
5
0
e
g
n
a
r
e
g
a
t
l
o
v
t
u
p
n
I
TA
C
°
5
2
1
0
4
-
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
VIH
High level input voltage for MOSFET to be on
3
5.5
V
VIL
V
7
.
0
0
f
f
o
e
b
o
t
T
E
F
S
O
M
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
w
o
L
VP
Peripheral supply voltage (voltage to which load is referred)
0
36
V
Recommended operating conditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com