Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY1908C2 Datasheet(PDF) 1 Page - HUAYI MICROELECTRONICS CO.,LTD.

Part # HY1908C2
Description  Single N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAYI [HUAYI MICROELECTRONICS CO.,LTD.]
Direct Link  http://www.hymexa.com/
Logo HUAYI - HUAYI MICROELECTRONICS CO.,LTD.

HY1908C2 Datasheet(HTML) 1 Page - HUAYI MICROELECTRONICS CO.,LTD.

  HY1908C2 Datasheet HTML 1Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 2Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 3Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 4Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 5Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 6Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 7Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 8Page - HUAYI MICROELECTRONICS CO.,LTD. HY1908C2 Datasheet HTML 9Page - HUAYI MICROELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HY1908C2
www.hymexa.com
V1.0
1
Single N-Channel Enhancement Mode MOSFET
Feature
Pin Description
80V/66A
RDS(ON)= 6.6m
Ω(typ.)@VGS = 10V
100% Avalanche Tested
Reliable and Rugged
Halogen- Free Devices Available
Applications
DC motor control
Switching Application
Ordering and Marking Information
C2
HY1908
YYXXXJWW G
Package Code
C2: PPAK5*6-8L
Date Code
Assembly Material
YYXXX WW
G:Halogen Free
Note: HUAYI lead-free products contain molding compounds/die attach materials and 100% matte tin plate Termi-
Nation finish;which are fully compliant with RoHS. HUAYI lead-free products meet or exceed the lead-Free require-
ments of IPC/JEDEC J-STD-020 for MSL classification at lead-free peak reflow temperature. HUAYI defines “Green”
to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight in homogeneous
material and total of Br and Cl does not exceed 1500ppm by weight).
HUAYI reserves the right to make changes, corrections, enhancements, modifications, and improvements to this pr
-oduct and/or to this document at any time without notice.
Single N-Channel MOSFET
S S S G
G S S S
D D D D
Pin1
PPAK5*6-8L
D D D D


Similar Part No. - HY1908C2

ManufacturerPart #DatasheetDescription
logo
HOOYI SEMICONDUCTOR
HY1908 HOOYI-HY1908 Datasheet
3Mb / 15P
N-Channel Enhancement Mode MOSFET
HY1908B HOOYI-HY1908B Datasheet
3Mb / 15P
N-Channel Enhancement Mode MOSFET
HY1908M HOOYI-HY1908M Datasheet
3Mb / 15P
N-Channel Enhancement Mode MOSFET
HY1908P HOOYI-HY1908P Datasheet
3Mb / 15P
N-Channel Enhancement Mode MOSFET
HY1908PF HOOYI-HY1908PF Datasheet
3Mb / 15P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - HY1908C2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3007LSS DIODES-DMN3007LSS Datasheet
157Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31460 Rev. 5 - 2
DMN3112SSS DIODES-DMN3112SSS Datasheet
194Kb / 4P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31582 Rev. 1 - 2
DMN3052LSS DIODES-DMN3052LSS Datasheet
175Kb / 5P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
DS31583 Rev. 3 - 2
DMN3030LSS DIODES-DMN3030LSS_15 Datasheet
257Kb / 6P
SINGLE N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 12
logo
HUAYI MICROELECTRONICS ...
HY1303C HUAYI-HY1303C Datasheet
532Kb / 8P
Single N-Channel Enhancement Mode MOSFET
HY1803C2 HUAYI-HY1803C2 Datasheet
1Mb / 9P
Single N-Channel Enhancement Mode MOSFET
HYG014N03LS1C2 HUAYI-HYG014N03LS1C2 Datasheet
1Mb / 9P
Single N-Channel Enhancement Mode MOSFET
HY1904C2 HUAYI-HY1904C2 Datasheet
1Mb / 9P
Single N-Channel Enhancement Mode MOSFET
HY030N06C2 HUAYI-HY030N06C2 Datasheet
828Kb / 9P
Single N-Channel Enhancement Mode MOSFET
HY1910C2 HUAYI-HY1910C2 Datasheet
2Mb / 9P
Single N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com