Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT18DL/841/RS Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # FT18DL/841/RS
Description  18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

FT18DL/841/RS Datasheet(HTML) 1 Page - Satco Products, Inc.

  FT18DL/841/RS Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S2966
FT18DL/841/RS
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S2966
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S2966
046135205934
120
18
T5
2G11
2G11
FT18DL/841/RS
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
10.1/2''
1250
20000
4100
Cool White
10
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - FT18DL/841/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT18DL/841 SATCO-FT18DL/841 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results

Similar Description - FT18DL/841/RS

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6759 SATCO-S6759 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6762 SATCO-S6762 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6765 SATCO-S6765 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6768 SATCO-S6768 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S6771 SATCO-S6771 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8659 SATCO-S8659 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8662 SATCO-S8662 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8665 SATCO-S8665 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8668 SATCO-S8668 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
S8671 SATCO-S8671 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com