Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP41A-PHS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP41A-PHS
Description  Cree짰 P4 LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41A-PHS Datasheet(HTML) 3 Page - Cree, Inc

  CP41A-PHS Datasheet HTML 1Page - Cree, Inc CP41A-PHS Datasheet HTML 2Page - Cree, Inc CP41A-PHS Datasheet HTML 3Page - Cree, Inc CP41A-PHS Datasheet HTML 4Page - Cree, Inc CP41A-PHS Datasheet HTML 5Page - Cree, Inc CP41A-PHS Datasheet HTML 6Page - Cree, Inc CP41A-PHS Datasheet HTML 7Page - Cree, Inc CP41A-PHS Datasheet HTML 8Page - Cree, Inc CP41A-PHS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree P4 LED
CP41A-PDS
CP41A-PFS
CP41A-PHS
•Toleranceofmeasurementofluminousfluxis±15%
•Toleranceofmeasurementofdominantwavelengthis±1nm
CP41A-PFS (70 degree)
Bin Code
Min.(mlm) Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000
Orange
Orange
Bin Code
Min.(nm)
Max.(nm)
PJ
612
618
FLUX BIN LIMIT (I
F = 70 mA)
COLOR BIN LIMIT (I
F = 70 mA)
VF BIN LIMIT (I
F = 70 mA)
Orange
Bin Code
Min.(V)
Max.(V)
22
1.8
2.0
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.6
3.0
• ToleranceofmeasurementofVFis±0.05V.
CP41A-PDS (40 degree)
Bin Code
Min.(mlm) Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
CP41A-PHS (100 degree)
Bin Code
Min.(mlm) Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com