Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXAE213708NB-V1-R2 Datasheet(PDF) 1 Page - Cree, Inc

Part # PXAE213708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W, 29 V, 2110 ??2180 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAE213708NB-V1-R2 Datasheet(HTML) 1 Page - Cree, Inc

  PXAE213708NB-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAE213708NB-V1-R2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 01, 2018-09-26
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PXAE213708NB
Package PG-HB2SOF-8-1
Thermally-Enhanced High Power RF LDMOS FET
400 W, 29 V, 2110 – 2180 MHz
Features
• Broadband internal input and output matching
• Asymmetrical Doherty design
- Main: P3dB = 160 W Typ
- Peak: P3dB = 290 W Typ
• Typical Pulsed CW performance, 2180 MHz, 28 V,
Dohertyconfiguration,10µspulsewidth,10%dutycycle,
class AB
- Output power at P3dB = 400 W
-PowerAddedEfficiencyatP3dB=60.3%
- Power Gain = 13.7 dB
• Integrated ESD protection
• Low thermal resistance
• Pb-free and RoHS compliant
Description
The PXAE213708NB is a 400-watt LDMOS FET intended for use in multi-
standardcellularpoweramplifierapplicationsinthe2110to2180MHz
frequencyband.Featuresincludeinputmatching,highgainandthermally-
enhancedpackagewithearlessflange.ManufacturedwithWolfspeed's
advanced LDMOS process, this device provides excellent thermal perform-
ance and superior reliability.
Target RF Characteristics
Single-carrier WCDMA Specifications (testedinWolfspeedDohertytestfixture)
VDD = 29 V, IDQ = 750 mA, VGSPEAK = 1.5 V, POUT = 54 W avg, ƒ = 2180 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average =
10dB@0.01%CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
16
dB
DrainEfficiency
hD
51
%
Adjacent Channel Power Ratio
ACPR
–27
dBc
OutputPARat0.01%probabilityonCCDF
OPAR
8.7
dB
Advance PXAE213708NB
Advance Specification Data
Sheets describe products that are
being considered by Wolfspeed for
development and market intro-
duction. The target performance
shown in Advance Specifications
isnotfinalandshouldnotbeused
for any design activity. Please
contact Wolfspeed about the fu-
ture availability of these products.


Similar Part No. - PXAE213708NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
PXAE213708NB-V1-R2 WOLFSPEED-PXAE213708NB-V1-R2 Datasheet
707Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 2110 – 2200 MHz
Rev. 04, 2022-12-20
More results

Similar Description - PXAE213708NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA211001E INFINEON-PTFA211001E Datasheet
223Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 100 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA211801E INFINEON-PTFA211801E_11 Datasheet
583Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Rev. 06, 2011-01-11
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
WOLFSPEED, INC.
PXAE213708NB WOLFSPEED-PXAE213708NB Datasheet
707Kb / 8P
Thermally-Enhanced High Power RF LDMOS FET 400 W, 48 V, 2110 – 2200 MHz
Rev. 04, 2022-12-20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com