Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXAE263708NB-V1-R2 Datasheet(PDF) 2 Page - Cree, Inc

Part # PXAE263708NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 400 W (P3dB), 28 V, 2620 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAE263708NB-V1-R2 Datasheet(HTML) 2 Page - Cree, Inc

  PXAE263708NB-V1-R2 Datasheet HTML 1Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 2Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 3Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 4Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 5Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 6Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 7Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 8Page - Cree, Inc PXAE263708NB-V1-R2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PXAE263708NB
Rev. 02, 2019-04-03
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
1
μA
VDS = 60 V, VGS = 0 V
IDSS
—
—
10
μA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1
μA
On-State Resistance
(main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.08
—
(peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.04
—
Operating Gate Voltage (main)
VDS = 28 V, IDQ = 850 mA
VGS
2.7
3.1
3.5
V
(peak)
VDS = 28 V, IDQ = 0 mA
VGS
—
1.5
—
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Characteristics
TCASE = 70°C, VDD = 28 V, IDQ = 850 mA, 2,655 MHz
Characteristic
Symbol
Value
Unit
Thermal Resistance
main - 57 W CW
RJC
0.61
°C/W
peak - 200 W CW
RJC
0.25
°C/W
Moisture Sensitivity Level
Level
Test Standard
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
Ordering Information
Type and Version
Order Code
Package and Description
Shipping
PXAE263708NB V1 R2
PXAE263708NB-V1-R2
PG-HB2SOF-8-1, overmold with
Tape & Reel, 250 pcs
earless flange



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com