Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10200 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR10200
Description  10.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR10200 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR10200 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR10200 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 88 -
MBR1035 THRU MBR10200
10.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 200 Volts
Current
10.0 Amperes
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220A molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method
2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
TO-220A
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBR
1035
MBR
1045
MBR
1050
MBR
1060
MBR
1090
MBR
10100
MBR
10200
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
200
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
140
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
200
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
10
A
Peak Repetitive Forward Current (Square Wave,
20KHz) at Tc=135
oC
IFRM
20.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Maximum Instantaneous Forward Voltage at
(Note 2)
IF=10A, Tc=25
OC
IF=10A, Tc=125
OC
IF=20A, Tc=25
OC
IF=20A, Tc=125
OC
VF
0.70
0.57
0.84
0.72
0.80
0.70
0.95
0.85
0.85
0.71
-
-
1.05
-
-
V
Maximum Instantaneous Reverse Current
@ Tc =25
℃at Rated DC Blocking Voltage (Note 2)
@ Tc=125
℃
IR
0.1
15.0
0.1
6.0
0.009
10
mA
mA
Typical Junction Capacitance (Note 3)
Cj
350
280
200
pF
M
aximum Thermal Resistance, Junction to Case
R
θJC
3.5
2.0
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +175
℃
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Mounted on Heatsink Size of 2 in x 3 in x 0.25in Al-Plate.
.412(10.5)
MAX
.185(4.70)
.175(4.44)
.055(1.40)
.045(1.14)
.27(6.86)
.23(5.84)
.11(2.79)
.10(2.54)
.025(0.64)
.014(0.35)
.154(3.91)
.148(3.74)
DIA
PIN1
2
.113(2.87)
.103(2.62)
.16(4.06)
.14(3.56)
.037(0.94)
.027(0.68)
.205(5.20)
.195(4.95)
.594(15.1)
.587(14.9)
.56(14.22)
.53(13.46)


Similar Part No. - MBR10200

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR10200 SIRECTIFIER-MBR10200 Datasheet
166Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR10200 PANJIT-MBR10200 Datasheet
85Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR10200 TSC-MBR10200 Datasheet
187Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10200 TSC-MBR10200 Datasheet
613Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
Rugao Dachang Electroni...
MBR10200 DACHANG-MBR10200 Datasheet
151Kb / 2P
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
More results

Similar Description - MBR10200

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1090 TSC-MBRS1090 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRS1020 TSC-SRS1020 Datasheet
77Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT Datasheet
1Mb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR1035 TSC-MBR1035_1 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10100CT TSC-MBR10100CT Datasheet
96Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020 Datasheet
93Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SR1020 TSC-SR1020_1 Datasheet
218Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020 Datasheet
55Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
SRA1020 TSC-SRA1020_1 Datasheet
180Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
MBR10H100CT TSC-MBR10H100CT_10 Datasheet
595Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com