| Electronic Components Datasheet Search |
|
C503T-RAN Datasheet(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C503T-RAN Datasheet(HTML) 4 Page - Cree, Inc |
|
4 / 8 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 5-mm Round LED C503T-RAS/RAN C503T-RCS/RCN/ACS ORDER CODE TABLE* Red (15 degree) Color Kit Number Viewing Angle Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C503T-RAS-CX0A0CC1 15 4180 16800 RC 620 RC 635 Bulk Yes Red C503T-RAN-CX0A0CC1 15 4180 16800 RC 620 RC 635 Bulk No Red C503T-RAS-CX0A0CC2 15 4180 16800 RC 620 RC 635 Ammo Yes Red C503T-RAN-CX0A0CC2 15 4180 16800 RC 620 RC 635 Ammo No Red (30 degree) Color Kit Number Viewing Angle Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C503T-RCS-CV0Y0CC1 30 2130 8200 RC 620 RC 635 Bulk Yes Red C503T-RCN-CV0Y0CC1 30 2130 8200 RC 620 RC 635 Bulk No Red C503T-RCS-CV0Y0CC2 30 2130 8200 RC 620 RC 635 Ammo Yes Red C503T-RCN-CV0Y0CC2 30 2130 8200 RC 620 RC 635 Ammo No Amber (30 degree) Color Kit Number Viewing Angle Luminous Intensity (mcd) Dominant Wavelength Package Standoff Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Amber C503T-ACS-CV0X0251 30 2130 5860 A2 584 A5 596 Bulk Yes Amber C503T-ACS-CV0X0351 30 2130 5860 A3 587 A5 596 Bulk Yes Amber C503T-ACS-CV0X0252 30 2130 5860 A2 584 A5 596 Ammo Yes Amber C503T-ACS-CV0X0352 30 2130 5860 A3 587 A5 596 Ammo Yes Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin codes will not be orderable. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |