Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLM4T-RKW Datasheet(PDF) 1 Page - Cree, Inc

Part # CLM4T-RKW
Description  Cree짰 PLCC4 1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4T-RKW Datasheet(HTML) 1 Page - Cree, Inc

  CLM4T-RKW Datasheet HTML 1Page - Cree, Inc CLM4T-RKW Datasheet HTML 2Page - Cree, Inc CLM4T-RKW Datasheet HTML 3Page - Cree, Inc CLM4T-RKW Datasheet HTML 4Page - Cree, Inc CLM4T-RKW Datasheet HTML 5Page - Cree, Inc CLM4T-RKW Datasheet HTML 6Page - Cree, Inc CLM4T-RKW Datasheet HTML 7Page - Cree, Inc CLM4T-RKW Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT FAMILY DATA SHEET
Cree® PLCC4 1 in 1 SMD LED
CLM4T-RKW
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
SMD LEDs is packaged in the industry
standard package. These LEDs have
high reliability performance and are
designed to work under a wide range
of environmental conditions.
This high reliability feature makes
them ideally suited to be used under
illumination application conditions.
Its wide viewing angle makes these
LEDs ideally suited for channel letter,
or general backlighting and illumina-
tion applications. The flat top emitting
surface makes it easy for these LEDs
to mate with light pipes.
FEATURES
• Size (mm):3.2 x 2.7
Color and Typical Dominant
Wavelength:
Red (628nm)
• Luminous Intensity (mcd)
CLM1T-RKW:
(560 - 1400)
• Viewing angle: 120 degree
• Lead-Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
• Light Strip
• Channel Letter
Architectural Lighting


Similar Part No. - CLM4T-RKW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLM400 ETC1-CLM400 Datasheet
74Kb / 2P
LED-PHOTOCONDUCTOR ISOLATORS
CLM4006A ETC1-CLM4006A Datasheet
80Kb / 2P
PHOTODODS SIX VOLT MODULES
CLM401 ETC1-CLM401 Datasheet
74Kb / 2P
LED-PHOTOCONDUCTOR ISOLATORS
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4040CN CALOGIC-CLM4040CN Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
More results

Similar Description - CLM4T-RKW

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLA1A-WKW MARKTECH-CLA1A-WKW Datasheet
542Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2B-REW MARKTECH-CLM2B-REW Datasheet
484Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKW MARKTECH-CLM4B-BKW Datasheet
446Kb / 8P
Cree짰 PLCC4 1-in-1 SMD LED
CLM4B-PKW MARKTECH-CLM4B-PKW Datasheet
420Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
Cree짰 PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLA1A-WKB CREE-CLA1A-WKB Datasheet
838Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-CCC CREE-CLM2D-CCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM2D-GCC CREE-CLM2D-GCC Datasheet
1Mb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-BKC CREE-CLM4B-BKC Datasheet
968Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-RKC CREE-CLM4B-RKC Datasheet
967Kb / 10P
Cree짰 PLCC4 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com