Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH280 Datasheet(PDF) 5 Page - Anachip Corp

Part # AH280
Description  Hall-Effect Smart Fan Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH280 Datasheet(HTML) 5 Page - Anachip Corp

  AH280 Datasheet HTML 1Page - Anachip Corp AH280 Datasheet HTML 2Page - Anachip Corp AH280 Datasheet HTML 3Page - Anachip Corp AH280 Datasheet HTML 4Page - Anachip Corp AH280 Datasheet HTML 5Page - Anachip Corp AH280 Datasheet HTML 6Page - Anachip Corp AH280 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AH280
Hall-Effect Smart Fan Driver
Anachip Corp.
www.anachip.com.tw
Rev. 0.7 Apr 16, 2004
5/7
Performance Characteristics (SIP-5L / SOP-8L)
Ta (
°C)
25
50
60
70
80
85
90
95
100
105
110
115
120
Pd (mW) 550 413 358 303 248 220 193 165
138
110
83
55
28
Power Dissipation Curve
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Ta (。 C)
Pd (m W )
85
Performance Characteristics (SOP-8L EP)
Ta (
°C)
25
50
60
70
80
85
90
95
100
105
110
115
120
Pd (mW) 1000 800 720 640 560 520 480 440
400
360
320
280
240
P o w e r D is s ip a t io n C u r v e
100
200
300
400
500
600
700
800
900
1000
0
2 5
5 0
7 5
100
125
1 5 0
Ta ( 。 C)
Pd ( m W )
85
Marking Information
(1) SIP-5L
(2) SOP-8L / SOP-8L EP
280
Part Number
Year:
( Front View )
"2" = 2002
"1" = 2001
X XX X X
Nth week: 01~52
ID Code
Blank: normal
L: Lead Free Package
AH280
Part Number
Year:
( Front View )
"2" = 2002
"1" = 2001
X XX X X
Nth week: 01~52
ID Code
Blank : normal
L : Lead Free Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com