Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6708 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # S6708
Description  9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

S6708 Datasheet(HTML) 1 Page - Satco Products, Inc.

  S6708 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6708
CF9DS/841
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6708
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6708
046135212703
120
9
T4
G23
G23
CF9DS/841
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
6-1/2''
580
10000
4100
Cool White
50
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - S6708

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
S6708 ALLEGRO-S6708 Datasheet
256Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
More results

Similar Description - S6708

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6416 SATCO-S6416 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
S6701 SATCO-S6701 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S6707 SATCO-S6707 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S6709 SATCO-S6709 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S6714 SATCO-S6714 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23-2 base
S8306 SATCO-S8306 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S8307 SATCO-S8307 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8309 SATCO-S8309 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8315 SATCO-S8315 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G23-2 base
S8365 SATCO-S8365 Datasheet
122Kb / 1P
9 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G7 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com