Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWM6934 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYWM6934
Description  WirelessUSB LS Radio Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWM6934 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYWM6934 Datasheet HTML 1Page - Cypress Semiconductor CYWM6934 Datasheet HTML 2Page - Cypress Semiconductor CYWM6934 Datasheet HTML 3Page - Cypress Semiconductor CYWM6934 Datasheet HTML 4Page - Cypress Semiconductor CYWM6934 Datasheet HTML 5Page - Cypress Semiconductor CYWM6934 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYWM6934
PRELIMINARY
Document 38-16012 Rev. **
Page 2 of 6
3.1
Reference Documentation
For information on technical details of the WirelessUSB LS
2.4-GHz DSSS Radio SoC such as register settings, timing,
application interfaces, clocking, and power management, refer
to the data sheet of the CYWUSB6934 Radio SoC.
3.2
Applications Support
The CYWM6934 is available as a reference design, complete
with PCB layout files, schematics, and a bill of materials. The
CYWM6934 can be used with the CY3635 WirelessUSB N:1
sensor development kit, and the CY3632 WirelessUSB LS
development kit via a 1 x 14 adaptor board.
4.0
Pin Definitions
Table 4-1. Pin Description Table for the CYWM6934
Pin QFN
Name
Direction
Description
1
GND
–
Ground
2
VCC
–
Supply voltage for the entire Radio Module (2.7V-3.6V). It is recommended that 3.3V be
used for most applications.
3
IRQ
Output
Interrupt signal from Radio Module to the MCU
4
nRESET
Input
Active low reset signal from MCU to Radio Module
5
MOSI
Input
Master out, slave in SPI signal from MCU to Radio Module
6
nSS
Input
Active low slave select signal from MCU to Radio Module
7
SCK
Input
SPI clock from MCU to Radio Module
8
MISO
Output
Master in, slave out SPI signal from Radio Module to MCU
9
GND
–
Ground
10
nPD
Input
Active low power-down signal from MCU to Radio Module
11
N/C
–
No connect—leave open
12
N/C
–
No connect—leave open
Figure 4-1. CYWM6934 Header Pin-out
12-pin
2mm
header
12
34
56
78
910
11
12
GND
GND
VCC
IRQ
MOSI
SCK
nRESET
nSS
MISO
nPD
N/C
N/C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com