Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF640 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRF640
Description  N-Channel Power Mosfets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRF640 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRF640 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRF640 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRF640, RF1S640,RF1S640SM
18A, 200V, 0.180 Ohm, N-Channel Power Mosfets
www.artschip.com
1
These are N-Channel enhansement mode silicon gate power
field effect transistors. They are advance power MOSFETs
designed, tested, and guaranteed to withstancd a specified
level of energy in the breakdown avalanche mode of
operation. All of these power MOSFETs are designed for
applications
such
as
switching
regulators,
switching
convertors, motor drivers, relay drivers, and drivers for high
power bipolar switching transistors requiring high speed and
low gate drive power. These types can be operated directly
from integrated circuits.
Formerly developmental type TA17422.
Ordering Information
PART NUMBER
PACKAGE
BRAND
IRF640
TO-220AB
IRF640
RF1S640
TO-262AA
RF1S640
RF1S640SM
TO-263AB
RF1S640
NOTE:
When ordering, use the entire part number. Add the
suffix 9A to obtain the TO-263AB variant in the tape and reel,
i.e., RF1S640SM9A.
Features
18A, 200V
rDS(ON)=0.180 Ω
Single Pulse Avalanche Energy Rated
SOA is Power Dissipation Limited
Nanosecond Switching Speed
Linear Transfer Characteristics
High Input Impedance
Related Literature
-TB334 “Guidelines for Soldering Surface Mount Components
PC Boards”
Symbol
Packaging
TO-220AB
TO-263AB
TO-262AA
Absolute Maximum Ratings
Tc=25℃, Unless Otherwise Specified
IRF640, RF1S640,RF1S640SM
UNITS
Drain to Source Breakdown Voltage (Note 1)………………….VDS
200
V
Drain to Gate Voltage (RGS=20k Ω) (Note 1)………………VDGR
200
V
Continuous Drain Current………………………………………ID
18
A
Tc=100℃………………………………………………………….ID
11
A
Pulsed Drain Current (Note 3)…………………………………IDM
72
A
Gate to Source Voltage…………………………………………VGS
±20
V
Maximum Power Dissipation……………………………………PD
125
W
Dissipation Derating Factor………………………………………
1.0
W/℃
Single Pulse Avalanche Energy Rating (Note 4)………………EAS
580
mJ
Operating and Storage Temperature………………………TJ, TSTG
-55 to 150
℃
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Cases for 10s………………..TL
300
℃
Package Body for 10s, See TB334……………………………Tpkg
260
℃
CAUTION:
Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of
this specification is not implied.
NOTE:
1.
TJ=25℃ to 125℃.


Similar Part No. - IRF640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF640 PHILIPS-IRF640 Datasheet
95Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
STMicroelectronics
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
IRF640 FAIRCHILD-IRF640 Datasheet
916Kb / 10P
200V N-Channel MOSFET
More results

Similar Description - IRF640

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com