Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV791MK Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV791MK
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV791MK Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV791MK Datasheet HTML 8Page - National Semiconductor (TI) LMV791MK Datasheet HTML 9Page - National Semiconductor (TI) LMV791MK Datasheet HTML 10Page - National Semiconductor (TI) LMV791MK Datasheet HTML 11Page - National Semiconductor (TI) LMV791MK Datasheet HTML 12Page - National Semiconductor (TI) LMV791MK Datasheet HTML 13Page - National Semiconductor (TI) LMV791MK Datasheet HTML 14Page - National Semiconductor (TI) LMV791MK Datasheet HTML 15Page - National Semiconductor (TI) LMV791MK Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Application Notes (Continued)
For simplicity, the op amp is modelled as an ideal integrator
with a unity gain frequency of A
0 . Hence, its transfer function
(or gain) in the frequency domain is A
0/s. Solving the circuit
equations in the frequency domain, ignoring C
F for the mo-
ment, results in an expression for the gain shown in Equation
(1).
(1)
It can be inferred from the denominator of the transfer func-
tion that it has two poles, whose expressions can be ob-
tained by solving for the roots of the denominator and are
shown in Equation (2)
(2)
Equation (2) shows that as the values of R
1 and R2 are
increased, the magnitude of the poles, and hence the band-
width of the amplifier, is reduced. This theory is verified by
using different values of R
1 and R2 in the circuit shown in
Figure 1 and by comparing their frequency responses. In
Figure 3 the frequency responses for three different values
of R
1 and R2 are shown. When both R1 and R2 are1k
Ω, the
response is flattest and widest; whereas, it narrows and
peaks significantly when both their values are changed to 10
k
Ω or 30 kΩ. So it is advisable to use lower values of R
1 and
R
2 to obtain a wider and flatter response. Lower resistances
also help in high sensitivity circuits since they add less noise.
A way of reducing the gain peaking is by adding a feedback
capacitance C
F in parallel with R2. This introduces another
pole in the system and prevents the formation of pairs of
complex conjugate poles which cause the gain to peak.
Figure 4 shows the effect of C
F on the frequency response of
the circuit. Adding a capacitance of 2 pF removes the peak,
while a capacitance of 5 pF creates a much lower pole and
reduces the bandwidth excessively.
AUDIO PRE-AMPLIFIER WITH BANDPASS FILTERING
With low input referred voltage noise, low supply voltage and
low supply current, and a low harmonic distortion, the
LMV791 is ideal for audio applications. Its wide unity gain
bandwidth allows it to provide large gain for a wide range of
frequencies and it can be used to design a pre-amplifier to
drive a load of as low as 600
Ω with less than 0.01% distor-
tion. Two amplifier circuits are shown in Figure 5 and Figure
6. Figure 5 is an inverting amplifier and provides a gain of
−10, while Figure 6 is a non-inverting amplifier and provides
a gain of 11. In either of these circuits, the coupling capacitor
C
C1 decides the lower frequency at which the circuit starts
providing gain, while the feedback capacitor C
F decides the
20116864
FIGURE 2.
20116859
FIGURE 3.
20116860
FIGURE 4.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com