Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RClamp0504FBTCT Datasheet(PDF) 4 Page - Semtech Corporation

Part # RClamp0504FBTCT
Description  Low Capacitance RClamp짰 5V TVS for ESD & EOS Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RClamp0504FBTCT Datasheet(HTML) 4 Page - Semtech Corporation

  RClamp0504FBTCT Datasheet HTML 1Page - Semtech Corporation RClamp0504FBTCT Datasheet HTML 2Page - Semtech Corporation RClamp0504FBTCT Datasheet HTML 3Page - Semtech Corporation RClamp0504FBTCT Datasheet HTML 4Page - Semtech Corporation RClamp0504FBTCT Datasheet HTML 5Page - Semtech Corporation RClamp0504FBTCT Datasheet HTML 6Page - Semtech Corporation RClamp0504FBTCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RClamp0504FB
Final Datasheet
Rev 2.1
Revision Date
2/20/2019
www.semtech.com
4 of 7
Semtech
Proprietary and Confidential
Typical Characteristics (Continued)
Positive TLP Characteristic (Pins 1, 3, 4, 6)
Negative TLP Characteristic (Pins 1, 3, 4, 6)
Insertion Loss (I/O Pins 1, 3, 4, 6)
Insertion Loss (I/O Pin to I/O Pin)
-6
-5
-4
-3
-2
-1
0
1
1
10
100
1000
Frequency (MHz)
-6
-5
-4
-3
-2
-1
0
1
1
10
100
1000
Frequency (MHz)
-5
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
TLP Voltage (V)
Transimission Line Pulse (TLP)
Settings:
tp= 100ns, tr=0.2ns,
ITLP and VTLP averaging window:
t1=70ns to t2=90ns
-30
-25
-20
-15
-10
-5
0
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
TLP Voltage (V)
Transimission Line Pulse (TLP)
Settings:
tp= 100ns, tr=0.2ns,
ITLP and VTLP averaging window:
t1=70ns to t2=90ns
Analog Crosstalk
-100
-80
-60
-40
-20
0
20
10
100
1000
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com