Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW3643CSR Datasheet(PDF) 1 Page - Shanghai awinic technology co.,ltd

Part # AW3643CSR
Description  High Efficiency, Dual 1.5A Flash LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3643CSR Datasheet(HTML) 1 Page - Shanghai awinic technology co.,ltd

  AW3643CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3643CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
AW3643
Jan 2018 V1.4
www.awinic.com.cn
1
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
High Efficiency, Dual 1.5A Flash LED Driver
FEATURES
 Support Dual Color Temperature Flash LED
Application
 1.5A Total Allowed LED Current During Operation
(ILED1+ILED2≤1.5A)
 Flash:11.35mA~1.5A,128 levels
11.72mA/level
 Torch:2.55mA~372mA,128 levels
2.91mA/level
 Flash Timeout:40ms~1.6s,16 levels
 Flash/Torch/IR Mode
 High Efficiency: 85%
 Optimized Flash LED Current During Low Battery
Conditions (IVFM)
 Hardware Strobe Enable (STROBE)
 Hardware Torch Enable (TORCH/TEMP)
 Remote NTC Monitoring
 Synchronization Input for RF Power Amplifier
Pulse Events (TX)
 400kHz I2C:AW3643(I2C Address=0x63)
 0.4mm Pitch,CSP-12 Package
Compatible with AW3644, AW36413, AW36414
APPLICATION
Smartphone Camera Flash
GENERAL DESCRIPTION
The AW3643 is a dual LED flash driver that
provides a high level of adjustability within a small
solution size. The AW3643 utilizes a 2MHz or
4MHz
fixed-frequency
synchronous
boost
converter to provide power to the dual 1.5A
constant current LED sources. The dual 128 levels
current sources provide the flexibility to adjust the
current of LED1 and LED2 in Flash/Torch/IR
modes. The total allowed LED Current during
operation is 1.5A (ILED1+ILED2≤1.5A). The AW3643
provides three IVFM protection modes to prevent
system reset or shutdown under low battery
condition.
The AW3643 is controlled via an I2C-compatible
interface. The main features of the AW3643
include: flash/torch current, flash timeout duration,
IVFM, TX interrupt, and NTC thermistor monitor.
The AW3643 also provides hardware flash and
hardware torch pins (STROBE and TORCH/TEMP)
to control Flash/Torch events.
The 2MHz or 4MHz switching frequency options,
overvoltage protection
(OVP),
and
adjustable
current limit allow for the use of tiny, low-profile
inductors and 10-µF ceramic capacitors. The
device operates over a
–40°C to +85°C ambient
temperature range.
The AW3643 is available in small 0.4mm pitch
1.626mm×1.332mm CSP-12 package.
TYPICAL APPLICATION CIRCUIT
TORCH/TEMP
SW
LED1
IN
VIN
CIN
10μF
10V
COUT
10μF
10V
L 1μH 3A
Flash
LED
AW3643CSR
STROBE
GND
OUT
LED2
D1
HWEN
TX
SDA
SCL
Flash
LED
D2
MCU
Fig 1
Typical Application Circuit of AW3643
All trademarks are the property of their respective owners.


Similar Part No. - AW3643CSR

ManufacturerPart #DatasheetDescription
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
More results

Similar Description - AW3643CSR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
Rev 2
logo
Texas Instruments
LM3644 TI1-LM3644 Datasheet
1Mb / 41P
Dual 1.5A Current Source Camera Flash LED Driver
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Diodes Incorporated
AL8806 DIODES-AL8806_13 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
logo
Shanghai awinic technol...
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com