Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1151 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1151
Description  6-CHANNEL ELECTRONIC VOLUME
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1151 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1151 Datasheet HTML 3Page - New Japan Radio NJW1151 Datasheet HTML 4Page - New Japan Radio NJW1151 Datasheet HTML 5Page - New Japan Radio NJW1151 Datasheet HTML 6Page - New Japan Radio NJW1151 Datasheet HTML 7Page - New Japan Radio NJW1151 Datasheet HTML 8Page - New Japan Radio NJW1151 Datasheet HTML 9Page - New Japan Radio NJW1151 Datasheet HTML 10Page - New Japan Radio NJW1151 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
- 7 -
NJW1151
s
s
s
sTERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
TERMINAL
VOLTAGE
9
24
RBC3
LBC3
Tone control
Right channel
Bass DC cut capacitor
Left channel
Bass DC cut capacitor
V+ / 2
10
11
12
13
14
15
LIN
RIN
CIN
SLIN
SRIN
SWIN
Volume
Left channel input
Right channel input
Center channel input
Surround Left channel input
Surround Right channel input
Sub Woofer channel input
V+ / 2
16
SCL
I
2C bus clock input
-
17
SDA
I
2C bus data input
-
GND
300
10K
Rp
VDD
( Rp ; External pull up resistor )
( Rp ; External pull up resistor )
GND
300
V+
50K
VREF
30
2K
GND
V+
GND
300
GND
10K
Rp
VDD
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com