Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW8735 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW8735
Description  Class-K Audio Amplifier with RF-TDD Suppression and Unique FM Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8735 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW8735 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8735 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AW8735 Datasheet
Jun. 2015 V1.0
COPYRIGHT ©2015 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
Page 4 of 25
VBAT
GPIO
VDD
VDD
GND
GND
SHDN
PVDD
PVDD
PVDD
CP
CN
VOP
VON
NC
INP
INN
8
14
4
20,21
18
17
12
3
19
15
13
B1
B2
NC
NC
CF
4.7uF
CH
10uF
10V
CS
10uF
CS1
33pF
10k
Rine
10K
Rine
10K
Cd
220pF
1
7
6
Cin
22nF
Cin
22nF
10
AW8735
NC
5
NC
16
NC
11
NC
2
K5
NC
9
Small chip..
..Big sound
Figure 3
AW8735 Application Schematic With Differential Input
Ordering Information
Part Number
Temperature
Package
Marking
Packing Type
AW8735TQR
-40℃~85℃
3mmX3mm
20-Pin TQFN
AW8735
6000 units/Tape
and Reel
AW8735
Shipping
R: Tape & Reel
Package Type
TQ: TQFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com