Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLZ44 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRLZ44
Description  N-CHANNEL LOGIC LEVEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRLZ44 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRLZ44 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRLZ44 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRLZ44 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRLZ44 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IRLZ44/40
N-CHANNEL
LOGIC LEVEL MOSFET
www.artschip.com
2
ELECTRICAL CHARACTERISTICS
(TC=25℃ unless otherwise specified)
Symbol
Characteristic
Min
Typ
Max
Units
Test Conditions
BVDSS
Drain-Source Breakdown Voltage
IRLZ44
IRLZ40
60
50
-
-
-
-
V
V
VGS=0V,ID=250µA
VGS(th)
Gate Threshold Voltage
1.0
-
2.0
V
VDS=VGS, ID=1mA
IGSS
Gate-Source Leakage Forward
-
-
100
nA
VGS=15V
IGSS
Gate-Source Leakage Reverse
-
-
-100
nA
VGS=-15V
-
-
250
µA
VDS=Max.Rating, VGS=0V
IDSS
Zero Gate Voltage Drain Current
-
-
1000
µA
VDS=0.8Max. Rating, VGS=0V, Tc=125℃
RDS(on)
Static Drain-Source On-Resistance(2)
-
-
0.04
Ω
VGS=5.0V,ID=18.0A
gfs
Forward Transconductance(2)
15.0
-
-
VGS≥5.0V,ID=18.0A
Ciss
Input Capacitance
-
2400
-
pF
Coss
Output Capacitance
-
795
-
pF
Crss
Revers Transfer Capacitance
-
390
-
pF
VGS=0V,VDs=25V, f=1.0MHz
td(on)
Turn-On Delay Time
-
25
40
ns
tr
Rise Time
-
65
85
ns
td(off)
Turn-Off Delay Time
-
350
400
ns
tf
Fall Time
-
180
200
ns
VDD=0.5BVDSS,ID=3.5A,ZO=9.1Ω
(MOSFET switching times are essentially
independent of operating temperature)
Qg
Total Gate Charge
(Gate-Source Plus Gate-Drain)
-
-
80
nC
Qgs
Gate-Source Charge
-
20
-
nC
Qgd
Gate-Drain Charge
-
30
-
nC
VGS=5V,ID=35A,VDS=0.8Max. Rating (Gate
charge is essentially independent of
operating temperature)
THERMAL RESISTANCE
Symbol
Characteristics
All
Units
Remark
RthJC
Junction-to-Case
MAX
1.0
K/W
RthCS
Case-to-Sink
TYP
0.5
K/W
Mounting surface flat,
smooth,and greased
RthJA
Junction-to-Ambient
MAX
62.5
K/W
Free Air Operation
Notes: (1) Tj=25℃ to 175℃
(2) Pulse test: Pulse width≤300µs, Duty Cycle≤2%
(3).Repetitive rating:Pulse width limited by max. Junction temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com