Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM193 Datasheet(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM193
Description  Low Power Low Offset Voltage Dual Comparators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM193 Datasheet(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM193 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM193 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LM193/LM293/LM393/LM2903
www.artschip.com
9
Typical Applications (V
+ =5.0 VDC) (Continued)
Two – Decade High Frequency VCO
00670941
V* =+30 VDC
+250 mVDC ≤ VC ≤ ±50 VDC
700Hz ≤ fO ≤100kHz
Basic Comparator
00570906
Inverting Comparator with Hysteresis
00570910
Non-Inverting Comparator with Hysteresis
00570909
Output Strobing
*ORLOGIC GATE
WITHOUT PULL-UP RESISTOR
00570911



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com