Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM258 Datasheet(PDF) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM258
Description  Frequency - Compensated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM258 Datasheet(HTML) 6 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM258 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM258 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.artschip.com
6
Electrical characteristics at specified free-air temperature, VCC= 5V (unless otherwise noted)
LM2904
PARAMETER
TEST CONDITIONS
†
TA
MIN
TYP§
MAX
UNIT
25℃
3
7
Non-A devices
Full range
10
25℃
1
2
VIO
Input offset voltage
VCC=5V to MAX,
VIC=VICR(min),
VO=1.4V
A-suffix
devices
Full range
4
mV
aVIO
Average temperature coefficient
of input offset voltage
Full range
7
µV/℃
25℃
2
50
Non-V device
Full range
300
25℃
2
50
IIO
Input offset current
VO=1.4V
V-suffix device
Full range
150
nA
aIIO
Average temperature coefficient
of input offset current
Full range
10
pA/℃
25℃
-20
-250
IIB
Input bias current
VO =1.4V
Full range
-500
nA
25℃
0 to
VCC – 1.5
VICR
Common-mode input voltage
range
VCC=5V to MAX
Full range
0 to
VCC -2
V
RL≥10KΩ
25℃
VCC –1.5
RL=2kΩ
Full range
22
VCC=MAX,
Non-V device
RL≥10kΩ
Full range
23
24
RL=2kΩ
Full range
26
VOH
High-level output voltage
VCC=MAX,
V-suffix device
RL≥10kΩ
Full range
27
28
V
VOL
Low-level output voltage
RL≤10KΩ
Full range
5
20
mV
25℃
25
100
AVD
Large-signal differential
Voltage amplification
VCC=15V,VO=1V to 11V
RL≤2kΩ
Full range
15
V/mV
Non-V device
25℃
50
80
CMRR Common-mode rejection ratio
VCC=5V to MAX,
VIC=VICR(min)
V-suffix device
25℃
65
80
dB
kSVR
Supply-voltage rejection ratio
(ΔVDD/ΔVIO)
VCC=5V to MAX
25℃
65
100
dB
VO1/VO2 Crosstalk attenuation
f=1kHz to 20kHz
25℃
120
dB
25℃
-20
-30
VCC=15V,
VID=1V, VO=0
Source
Full range
-10
25℃
10
20
VCC=15V,
VID=-1V,
VO=15V
Sink
Full range
5
mA
Non-V device
25℃
30
IO
Output current
VID=-1V,
VO=200mV
V-suffix device
25℃
12
40
µA
IOS
Short-circuit output current
VCC at 5V, GND at –5V, VO=0
25℃
±40
±60
mA
VO=2.5V, No load
Full range
0.7
1.2
ICC
Supply current (two amplifiers)
VCC=MAX, VO=0.5V, No load
Full range
1
2
mA
†All characteristics are measured under open-loop conditions, with zero common-mode input voltage. Unless otherwise specified.
MAX VCC for testing purposes is 26V for the LM2904, 32V for the LM2904V, and 30V for others.
Full range is -55℃ to 125℃ for LM158, -25℃ to 85℃ for LM258, 0℃ to 70℃ for LM358, and -40℃ to 125℃ for LM2904.
§All typical values are at TA=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com