Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3302 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM3302
Description  Low Power Low Offset Voltage Quad Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM3302 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM3302 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM3302 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LM139/LM239/LM339/LM2901/LM3302
www.artschip.com
4
Electrical Characteristics
(V+ =5 VDC, (Note 4))
LM139A
LM239A, LM339A
LM139
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Saturation Voltage
VIN(-) = 1 VDC, VIN(+) = 0,
ISINK ≤ 4mA
700
700
700
mVDC
Output Leakage Current
VIN(+) = 1 VDC, VIN(-) = 0,
VO = 30 VDC,(LM3302,
VO = 28 VDC)
1.0
1.0
1.0
µADC
Differential Input Voltage
Keep all VIN’s ≥0 VDC (or
V
-, if used),(Note 8)
36
36
36
VDC
Electrical Characteristics
(V+ =5.0 VDC,(Note 4))
LM239, LM339
LM2901
LM3302
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
(Note 9)
9.0
9
15
40
mVDC
Input Offset Current
IIN(+) - IIN(-) ,VCM=0V
150
50
200
300
nADC
Input Bias Current
IIN(+) or IIN(-) with Output in
Linear Range, VCM=0V (Note 5)
400
200
500
1000
nADC
Input Common-Mode
Voltage Range
V
+=30 VDC,(LM3302,
V
+=28 VDC)(Note 6)
V
+ -2.0
V
+ -2.0
0
V
+ -2.0 VDC
Saturation Voltage
VIN(-) = 1 VDC, VIN(+) = 0,
ISINK ≤ 4mA
700
400
700
700
mVDC
Output Leakage Current
VIN(+) = 1 VDC, VIN(-) = 0,
VO = 30 VDC,(LM3302,
VO = 28 VDC)
1.0
1.0
1.0
µADC
Differential Input Voltage
Keep all VIN’s ≥0 VDC (or V
-,
if used),(Note 8)
36
36
28
VDC
Note 1:
For Operating at high temperatures, the LM339/LM339A,LM2901,LM3302 must be derated based on a 125℃ maximum junction temperature
and a thermal resistance of 95℃/W which applies for the device soldered in a printed circuit board, operating in a still air ambient. The LM239 and
LM139 must be derated based on a 150℃ maximum junction temperature. The low bias dissipation and the “ON-OFF” characteristic of the outputs
keeps the chip dissipation very small (PD ≤100 mW), provided the output transistors are allowed to saturate.
Note 2:
Short circuits from the output to V
+ can cause excessive heating and eventual destruction. When considering short circuits to ground, the
maximum output current is approximately 20mA independent of the magnitude of V
+.
Note 3:
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input
PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic
transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V
+ voltage level (or to ground for a
large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input
voltage, which was negative, again returns to a value greater than – 0.3VDC (at 25℃).
Note 4:
These specifications are limited to -55℃ ≤ TA ≤+125℃, for the LM139/LM139A. With the LM239/LM239A, all temperature specifications are
limited to -25℃ ≤ TA ≤+85℃, the LM339/LM339A temperature specifications are limited to 0℃ ≤ TA ≤+70℃, and the LM2901, LM3302 temperature
range is -40℃ ≤ TA ≤+85℃.
Note 5:
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the
output so no loading change exists on the reference or input lines.
Note 6:
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is V
+ -1.5V at 25℃, but either or both inputs can go to +30VDC without damage (25V for LM3302), independent of the
magnitude of V
+.
Note 7:
The response time specified is a 100mV input step with 5mV overdrive. For larger overdrive signals 300ns can be obtained, see typical
performance characteristics section.
Note 8:
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range,
the comparator will provide a proper output state. The low input voltage state must not be less than –0.3VDC (or 0.3 VDC below the magnitude of the
negative power supply, if used)(at 25℃).
Note 9:
At output switch point, VO≈1.4VDC, RS=0Ω with V
+ from 5 VDC to 30VDC; and over the full input common-mode range (0 VDC to V+ -1.5VDC), at
25℃. For LM3302, V
+ from 5 VDC to 28VDC;
Note 10:
Refer to RETS139AX for LM139A military specifications and to RETS139X for LM139 military specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com