Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX481 Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MAX481
Description  Low-Power, Slew-Rate-Limited Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MAX481 Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MAX481 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX481 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
4 _______________________________________________________________________________________
SWITCHING CHARACTERISTICS—MAX483, MAX487/MAX488/MAX489
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
SWITCHING CHARACTERISTICS—MAX481/MAX485, MAX490/MAX491, MAX1487 (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
300
1000
Figures 7 and 9, CL = 100pF, S2 closed
Figures 7 and 9, CL = 100pF, S1 closed
Figures 5 and 11, CL = 15pF, S2 closed,
A - B = 2V
CONDITIONS
ns
40
100
tZH(SHDN)
Driver Enable from Shutdown to
Output High (MAX481)
ns
Figures 5 and 11, CL = 15pF, S1 closed,
B - A = 2V
tZL(SHDN)
Receiver Enable from Shutdown
to Output Low (MAX481)
ns
40
100
tZL(SHDN)
Driver Enable from Shutdown to
Output Low (MAX481)
ns
300
1000
tZH(SHDN)
Receiver Enable from Shutdown
to Output High (MAX481)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
tPLH
tSKEW
Figures 6 and 8, RDIFF = 54
Ω
,
CL1 = CL2 = 100pF
tPHL
Figures 6 and 8, RDIFF = 54
Ω
,
CL1 = CL2 = 100pF
Driver Input to Output
Driver Output Skew to Output
ns
100
800
ns
ns
2000
MAX483/MAX487, Figures 7 and 9,
CL = 100pF, S2 closed
tZH(SHDN)
Driver Enable from Shutdown to
Output High
250
2000
ns
2500
MAX483/MAX487, Figures 5 and 11,
CL = 15pF, S1 closed
tZL(SHDN)
Receiver Enable from Shutdown
to Output Low
ns
2500
MAX483/MAX487, Figures 5 and 11,
CL = 15pF, S2 closed
tZH(SHDN)
Receiver Enable from Shutdown
to Output High
ns
2000
MAX483/MAX487, Figures 7 and 9,
CL = 100pF, S1 closed
tZL(SHDN)
Driver Enable from Shutdown to
Output Low
ns
50
200
600
MAX483/MAX487 (Note 5)
tSHDN
Time to Shutdown
tPHL
tPLH, tPHL < 50% of data period
Figures 5 and 11, CRL = 15pF, S2 closed
Figures 5 and 11, CRL = 15pF, S1 closed
Figures 5 and 11, CRL = 15pF, S2 closed
Figures 5 and 11, CRL = 15pF, S1 closed
Figures 7 and 9, CL = 15pF, S2 closed
Figures 6 and 10, RDIFF = 54
Ω
,
CL1 = CL2 = 100pF
Figures 7 and 9, CL = 15pF, S1 closed
Figures 7 and 9, CL = 100pF, S1 closed
Figures 7 and 9, CL = 100pF, S2 closed
CONDITIONS
kbps
250
fMAX
250
800
2000
Maximum Data Rate
ns
20
50
tHZ
Receiver Disable Time from High
ns
250
800
2000
20
50
tLZ
Receiver Disable Time from Low
ns
20
50
tZH
Receiver Enable to Output High
ns
20
50
tZL
Receiver Enable to Output Low
ns
ns
100
300
3000
tHZ
tSKD
Driver Disable Time from High
I tPLH - tPHL I Differential
Receiver Skew
Figures 6 and 10, RDIFF = 54
Ω
,
CL1 = CL2 = 100pF
ns
300
3000
tLZ
Driver Disable Time from Low
ns
250
2000
tZL
Driver Enable to Output Low
ns
Figures 6 and 8, RDIFF = 54
Ω
,
CL1 = CL2 = 100pF
ns
250
2000
tR, tF
250
2000
Driver Rise or Fall Time
ns
tPLH
Receiver Input to Output
250
2000
tZH
Driver Enable to Output High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ARTSCHIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com