Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX707ESA Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # MAX707ESA
Description  Low-Cost, pervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

MAX707ESA Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  MAX707ESA Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. MAX707ESA Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MAX705-MAX813L
Low-Cost, µP Supervisory Circuit
www.artschip.com
5
Pin Description
PIN
MAX705/MAX706
MAX707/MAX708
MAX813L
DIP/SO
µMAX
DIP/SO
µMAX
DIP/SO
µMAX
NAME
FUNCTION
1
3
1
3
1
3
MR
Manual-Reset Input triggers a reset pulse when
pulled below 0.8V. This active-low input has an
internal 250µA pull-up current. It can be driven from
a TTL or CMOS logic line as well as shorted to
ground with a switch.
2
4
2
4
2
4
Vcc
+5V Supply Input
3
5
3
5
3
5
GND
0V Ground Reference for all signals
4
6
4
6
4
6
PFI
Power-Fail Voltage Monitor Input. When PFI is less
than 1.25V, PFO goes low. Connect PFI to GND or
Vcc when not nsed.
5
7
5
7
5
7
PFO
Power-Fail Output goes low and sinks current when
PFI is less than 1.25V; otherwise PFO stays high.
6
8
-
-
6
8
WDI
Watchdog Input. If WDI remains high or low for
1.6sec, the internal watchdog timer runs out and
WDO goes low (Figure 1). Floating WDI or
connecting WDI to a high-impedance three-state
buffer disables the watchdog feature. The internal
watchdog timer clears whenever reset is asserted,
WDI is three stated, or WDI sees a rising or falling
edge.
-
-
6
-
-
-
N.C.
No Connect
7
1
7
1
-
-
RESET
Active-Low Reset Output pulses low for 200ms
when triggered, and stays low whenever Vcc is
below the reset threshold (4.65V in the MAX705
and 4.40 V in the MAX706). It remains low for
200ms after Vcc rises above the reset threshold or
MR goes from low to high (Figure 3). A watchdog
timeout will not trigger RESET unless WDO is
connected to MR.
8
2
-
-
8
2
WDO
Watchdog Output pulls low when the internal
watchdog timer finishes its 1.6sec count and does
not go high again until the watchdog is cleared.
WDO also goes low during low-line conditions.
Whenever Vcc is below the reset threshold, WDO
stays low; however, unlike RESET, WDO does not
have a minimum pulse width. As soon as Vcc rise
above the reset threshold, WDO goes high with no
delay.
-
-
8
2
7
1
RESET
Active-High Reset Output is the inverse of RESET.
Whenever RESET is high, RESET is low, and vice
versa (Figure 2). The MAX813L has a RESET
output only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com