Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC024 Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC024
Description  Cyclic timing IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC024 Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC024 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC024 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC024 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC024(文件编号:S&CIC0903)
循环定时 IC
第 1 页 共 3 页
一、
特征
产品采用 CMOS 工艺,自身功耗低。工作电压宽,抗干扰能力强。
产品可以实现循环定时,一路输出,高低电平两种状态精确定时。
外接 32768 晶振,八种不同的定时模式。
高低电平都有很强的推力,3V 时高电平有 20mA、低电平有 40mA 的推力。
有六种 option 选择定时时间,可以方便测试和选择更宽的定时时间。
上电后,如果晶振不起振,OUT 输出高阻。晶振起振后 OUT 输出低电平,定时时间到 OUT 输出高电平。
TC 脚用于加快定时测试。按下 TC,定时几个小时,OUT 就相应的闪几次,闪动频率为 2.3Hz。
OP1~OP6 邦定 PAD 采用低功耗设计,OUT 输出高电平时,邦定 PAD 无电流。
二、
点位图及脚位说明
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
28-Jun-2011
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\SC024.ddbDrawn By:
XO
XI
TC
GND
OUT
VCC
OP1
OP2
OP3
OP4
OP5
OP6
IC衬底接VCC
T1
名称
X
Y
功能说明
XI
140.00
645.45
外接晶振或电阻
TC
140.00
487.90
按键
T1
38.10
174.65
GND
140.00
70.00
电源负极
OUT
416.70
70.00
输出
VCC
709.75
70.00
电源正极
OP1
710.00
229.70
周期 OPTION
OP2
710.00
464.80
周期 OPTION
OP3
709.00
613.65
周期 OPTION
OP4
710.00
850.00
占空比 OPTION
OP5
570.00
850.00
占空比 OPTION
OP6
339.40
850.00
占空比 OPTION
XO
140.00
850.00
外接晶振或电阻
三、
输出波形图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
28-Jun-2011
Sheet of
File:
E:\E盘\规格书\规格图\规格图-0\ZBO\SC024.ddbDrawn By:
0
1
T1
T2
T1
T2
T
T
T 为定时周期;
T1 为低电平输出;
T2 为高电平输出。


Similar Part No. - SC024

ManufacturerPart #DatasheetDescription
logo
Raspberry Pi Holdings P...
SC0212 RASPBERRY-PI-SC0212 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
SC0216 RASPBERRY-PI-SC0216 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
SC0218 RASPBERRY-PI-SC0218 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
SC0219 RASPBERRY-PI-SC0219 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
logo
Skyworks Solutions Inc.
SC02201518 SKYWORKS-SC02201518 Datasheet
65Kb / 3P
MIS Chip Capacitors
More results

Similar Description - SC024

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3100 MAXIM-DS3100 Datasheet
1Mb / 226P
Stratum 3/3E Timing Card IC
REV: 060607
DS3105 MAXIM-DS3105 Datasheet
898Kb / 110P
Line Card Timing IC
REV: 061507
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
Timing-Safe??Peak EMI reduction IC
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
Timing-Safe??Peak EMI reduction IC
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
Timing-Safe??Peak EMI reduction IC
logo
Maxim Integrated Produc...
DS3105 MAXIM-DS3105_09 Datasheet
595Kb / 120P
Line Card Timing IC
Rev 3; 5/09
DS3106 MAXIM-DS3106 Datasheet
491Kb / 87P
Line Card Timing IC
Rev 3; 5/09
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com