| Electronic Components Datasheet Search |
|
GPBA02A Datasheet(PDF) 15 Page - Generalplus Technology Inc. |
|
|
|||||||||||||||||||||||||||||
GPBA02A Datasheet(HTML) 15 Page - Generalplus Technology Inc. |
|
15 / 21 page ![]() GPBA02A © Generalplus Technology Inc. Proprietary & Confidential 15 JAN. 06, 2011 Version: 1.6 resistor port independently. If PA/B/Cx is expected to set as Input with pull high resistor port, the corresponding Bx of 00H/01H/02H (BUFA/B/C) and 08H/09H/0AH (ATTA/B/C) both should be set as1, and the corresponding Bx of 04H/05H/06H (DIRA/B/C) should be cleared as 0. PAD ATTx= 1 DIRx= 0 VDDIO BUFx= 1 DATx Input with pull low resistor (PL): As shown in the above I/O Cell Configuration table and Control Registers table, each I/O port can be set as Input with pull low resistor port independently. If PA/B/Cx is expected to set as Input with pull low resistor port, the corresponding Bx of 00H/01H/02H (BUFA/B/C) should be set as 1, and the corresponding Bx of 04H/05H/06H (DIRA/B/C) and 08H/09H/0AH (ATTA/B/C) both should be cleared as 0. PAD VSSIO ATTx= 0 DIRx= 0 BUFx= 1 DATx CMOS output high/low: As is shown in the above I/O Cell Configuration table and Control Registers table, each I/O port can be set as CMOS output port independently. If PA/B/Cx is expected to set as CMOS output port, the corresponding Bx of 08H/09H/0AH (ATTA/B/C) should be configured as 0, and the corresponding Bx of 04H/05H/06H (DIRA/B/C) should be configured as 1. In addition, if the host writes 0 to corresponding Bx of 00H/01H/02H (BUFA/B/C), the PA/B/Cx will output low. And else if the host writes 1 to corresponding Bx of 00H/01H/02H (BUFA/B/C), the PA/B/Cx will output high. The register BUFA/B/C acts as output data buffer. VSSIO VDDIO ATTx= 0 DIRx= 1 BUFx BUFx= 0, output 0 BUFx= 1, output 1 DATx PAD Inverted CMOS output high/low: As is shown in the above I/O Cell Configuration table and Control Registers table, each I/O port can be set as CMOS output port independently. If PA/B/Cx is expected to set as CMOS output port, the corresponding Bx of 08H/09H/0AH (ATTA/B/C) and 04H/05H/06H (DIRA/B/C) should be configured as 1. In addition, if the host writes 0 to corresponding Bx of 00H/01H/02H (BUFA/B/C), the PA/B/Cx will output high. And else, if the host writes 1 to corresponding Bx of 00H/01H/02H (BUFA/B/C), the PA/B/Cx will output low. The register BUFA/B/C acts as output data buffer. And it is an inverted buffer. PAD VSSIO VDDIO ATTx=1 DIRx= 1 BUFx BUFx= 1, output 0 BUFx= 0, output 1 DATx Inverted open drain NMOS output: As is shown in the above I/O Cell Configuration table and Control Registers table, each I/O port can be set as open drain NMOS output port independently. If PA/B/Cx is expected to set as open drain NMOS output port, the corresponding Bx of 00H/01H/02H (BUFA/B/C) and 08H/09H/0AH (ATTA/B/C) should be cleared as 0, and then if the host writes 1 to the corresponding Bx of 04H/05H/06H (DIRA/B/C), the PA/B/Cx will output low. And if the host writes 0 to the corresponding Bx of 04H/05H/06H (DIRA/B/C), the PA/B/Cx is floating. In this case, the register DIRx acts as the output data buffer register. And it is an inverted open drain NMOS output port. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |