Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPR23L1611D Datasheet(PDF) 2 Page - Generalplus Technology Inc.

Part # GPR23L1611D
Description  3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM with Page Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPR23L1611D Datasheet(HTML) 2 Page - Generalplus Technology Inc.

  GPR23L1611D Datasheet HTML 1Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 2Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 3Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 4Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 5Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 6Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 7Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 8Page - Generalplus Technology Inc. GPR23L1611D Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GPR23L1611D
© Generalplus Technology Inc.
Proprietary & Confidential
2
Oct. 15, 2009
Version: 1.2
Table of Contents
PAGE
1. FEATURES.................................................................................................................................................................................................. 3
2. BLOCK DIAGRAM ...................................................................................................................................................................................... 3
3. PIN DESCRIPTION...................................................................................................................................................................................... 4
3.1. PAD ASSIGNMENT .................................................................................................................................................................................. 5
4. MODE SELECTION..................................................................................................................................................................................... 6
5. ELECTRICAL SPECIFICATIONS ............................................................................................................................................................... 6
5.1. ABSOLUTE MAXIMUM RATINGS ............................................................................................................................................................... 6
5.2. DC CHARACTERISTICS (TA = 0℃ ~ 70℃, VCC = 3.0V~3.6V) ................................................................................................................ 6
5.3. AC CHARACTERISTICS (TA = 0℃ ~ 70℃, VCC = 3.0V~3.6V)................................................................................................................. 6
5.4. AC TEST CONDITIONS............................................................................................................................................................................ 7
6. TIMING DIAGRAM ...................................................................................................................................................................................... 7
6.1. RANDOM READ ...................................................................................................................................................................................... 7
6.2. PAGE READ ........................................................................................................................................................................................... 7
7. APPLICATION NOTE.................................................................................................................................................................................. 8
7.1. POWER PAD BONDING GUIDELINE .......................................................................................................................................................... 8
7.2. PCB LAYOUT SUGGESTION.................................................................................................................................................................... 8
8. PACKAGE/PAD LOCATIONS ..................................................................................................................................................................... 9
8.1. ORDERING INFORMATION ....................................................................................................................................................................... 9
9. DISCLAIMER............................................................................................................................................................................................. 10
10. REVISION HISTORY ................................................................................................................................................................................. 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com