Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC202FMLTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC202FMLTRT
Description  3.5MHz, 500mA Step-down Regulator with Integrated Inductor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202FMLTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC202FMLTRT Datasheet HTML 1Page - Semtech Corporation SC202FMLTRT Datasheet HTML 2Page - Semtech Corporation SC202FMLTRT Datasheet HTML 3Page - Semtech Corporation SC202FMLTRT Datasheet HTML 4Page - Semtech Corporation SC202FMLTRT Datasheet HTML 5Page - Semtech Corporation SC202FMLTRT Datasheet HTML 6Page - Semtech Corporation SC202FMLTRT Datasheet HTML 7Page - Semtech Corporation SC202FMLTRT Datasheet HTML 8Page - Semtech Corporation SC202FMLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SC202F
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC202FMLTRT(1)(2)
MLPQ-13 — 2.5 x 3.0
SC202FEVB
Evaluation Board
Notes:
(1)
Available in tape and reel only. A reel contains 3,000 devices.
(2)
Lead-free packaging only. Device is WEEE and RoHS compliant
and halogen-free.
TO P VIEW
1
2
3
4
5
6
78
9
10
11
12
13
LX
LX
LX
OU T
OU T
OU T
GN D
IN
CTL2
CTL1
CTL0
CTL3
SN S
MLPQ-13; 2.5 x 3.0, 13 LEAD
θ
JA = 58°C/W
Table 1 – Output Voltage Settings
CTL3
CTL2
CTL1
CTL0
Vout
00
0
0
Off
0
0
0
1
0.80
0
0
1
0
1.00
0
0
1
1
1.20
0
1
0
0
1.40
0
1
0
1
1.50
0
1
1
0
1.60
0
1
1
1
1.80
1
0
0
0
2.3
1
0
0
1
2.35
1
0
1
0
2.00
1
0
1
1
2.4
1
1
0
0
2.45
1
1
0
1
2.8
1
1
1
0
3.00
1
1
1
1
3.30
yyww = Date Code
xxxx = Semtech Lot Number
202F
yyw w
xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com