Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC284PEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC284PEVB
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284PEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC284PEVB Datasheet HTML 12Page - Semtech Corporation SC284PEVB Datasheet HTML 13Page - Semtech Corporation SC284PEVB Datasheet HTML 14Page - Semtech Corporation SC284PEVB Datasheet HTML 15Page - Semtech Corporation SC284PEVB Datasheet HTML 16Page - Semtech Corporation SC284PEVB Datasheet HTML 17Page - Semtech Corporation SC284PEVB Datasheet HTML 18Page - Semtech Corporation SC284PEVB Datasheet HTML 19Page - Semtech Corporation SC284PEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
6
SC284P
Applications Information (continued)
Protection Features
The SC284P provides the following protection features:
Current Limit
Over-Voltage Protection
Soft-Start
Thermal Shutdown
Current Limit
The internal PMOS power device in the switching stage
is protected by a current limit feature. If the inductor
current is above the PMOS current limit for 6 consecutive
cycles, the part enters foldback current limit mode and
the output current is limited to the current limit holding
current (I
CL_HOLD) of a few hundred milliampere. Under
this condition, the output voltage will be the product of
I
CL_HOLD and the load resistance. The current limit holding
current will decrease when the output voltage increases.
The load presented must fall below the current limit
holding current for the part to exit foldback current
limit mode. Figure 4 shows how the typical current limit
holding current varies with output voltage. The SC284P
is capable of sustaining an indefinite short circuit without
damage and will resume normal operation when the fault
is removed. The foldback current limit mode is disabled
during soft-start.
Figure 4— Typical Current Limit Holding Current
vs. Output Voltage
Over-Voltage Protection
In the event of a 5% over-voltage on the output, the
PWM drive is disabled leaving the LX pin floating.
•
•
•
•
Soft-Start
Soft-start is activated once VIN reaches the UVLO and one
or more CTL pins are set high to enable the part. A thermal
shutdown event will also activate the soft-start sequence.
Soft-start controls the maximum current during startup
thus limiting inrush current. The PMOS current limit is
stepped through four soft-start levels of approximately
20%, 25%, 40%, & 00%. Each step is maintained for 400μs
following an internal reference start up duration of 00μs
giving a total nominal startup period of 700μs. During
startup, the chip operates by controlling the inductor
current swings between 0A and current limit. If at any time
V
OUT reaches 86% of the target or at the end of the soft-
start period, the SC284P will switch to PWM mode
operation.
The SC284P is capable of starting up into a pre-biased
output.
Shut Down
When all CTL pins of a channel are low, the corresponding
channel will be disabled, drawing less than μA from that
input power supply. The internal switches and bandgap
voltage will be immediately turned off.
Thermal Shutdown
The device has a thermal shutdown feature to protect
the SC284P if the junction temperature exceeds 60°C.
During thermal shutdown, the on-chip power devices are
disabled, tri-stating the LX output. When the temperature
drops by 0°C, it will initiate a soft-start cycle to resume
normal operation.
Inductor Selection
The SC284P converter has internal loop compensation.
The compensation is designed to work with an output
filter corner frequency of less than 40kHz for a V
IN of 5V
and 50KHz for a V
IN of 3.3V over any operating condition.
The corner frequency of the output filter is shown in the
following equation.
Values outside this range may lead to instability, malfunc-
tion, or out-of-specification performance.
Current Limit Holding Current over Vout
0
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
TA= 25°C
VIN= 5.0V
VIN= 3.6V
VIN= 3.3V
OUT
C
C
L
2
1
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com