Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT18DL/830 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # FT18DL/830
Description  18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

FT18DL/830 Datasheet(HTML) 1 Page - Satco Products, Inc.

  FT18DL/830 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6757
FT18DL/830
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6757
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6757
046135205873
120
18
T5
2G11
2G11
FT18DL/830
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
9''
1250
12000
3000
Warm White
10
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - FT18DL/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
FT18DL/830/RS SATCO-FT18DL/830/RS Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
More results

Similar Description - FT18DL/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S2964 SATCO-S2964 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S2967 SATCO-S2967 Datasheet
122Kb / 1P
50 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6760 SATCO-S6760 Datasheet
122Kb / 1P
24 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6763 SATCO-S6763 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 v
S6766 SATCO-S6766 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S6769 SATCO-S6769 Datasheet
122Kb / 1P
55 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8657 SATCO-S8657 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8658 SATCO-S8658 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; 2G11 base
S8663 SATCO-S8663 Datasheet
122Kb / 1P
36 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
S8666 SATCO-S8666 Datasheet
122Kb / 1P
40 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com