Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7406T Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7406T
Description  CAR RADIO SIGNAL PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7406T Datasheet HTML 5Page - STMicroelectronics TDA7406T Datasheet HTML 6Page - STMicroelectronics TDA7406T Datasheet HTML 7Page - STMicroelectronics TDA7406T Datasheet HTML 8Page - STMicroelectronics TDA7406T Datasheet HTML 9Page - STMicroelectronics TDA7406T Datasheet HTML 10Page - STMicroelectronics TDA7406T Datasheet HTML 11Page - STMicroelectronics TDA7406T Datasheet HTML 12Page - STMicroelectronics TDA7406T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
9/49
TDA7406T
2
DESCRIPTION OF THE AUDIOPROCESSOR PART
2.1 Input stages
In the basic configuration there is a source-Selector with 8 inputs: one pseudo-differential (CDC), three single
ended stereo (MD, CD, Tape), three single-ended mono (PHONE, NAVI, TIM) plus the “tuner” input. The tuner
input takes the signal from either MPX1 or MPX2/AM pins (through the stereodecoder) see Fig. 1.
2.1.1 Pseudo-differential stereo Input (PD)
The PD input is implemented as a buffered pseudo-differential stereo stage with 100k
Ω input-impedance at
each input pin. This input is also configurable as single-ended stereo input (CDC, see pin-out). The common
input-pin, PD- features a fast charge switch to speed up the charge time of external capacitors. This switch is
released the first time the input-selector data-byte (0) is assessed.
2.1.2 Single-ended stereo Inputs, single-ended mono inputs and FM-MPX input
All single ended inputs have an input impedance of 100k
Ω. The AM-pin can be connected to the input of the
stereo-decoder in order to use the AM-noiseblanker and AM-High-Cut feature. As input “Tuner” for the input se-
lector either the stereo-decoder output or the AM-pin is selectable.
2.1.3 Mixing Selector
It is possible to enable/disable the mixing feature (ratio 50%) at the outputs stages between whichever input
source and one of the following signals: Beep, Phone, Navigator and Tuner/TIM.
2.1.4 Beep Generator
There are four possible selectable beeping frequencies: 600Hz, 780Hz, 1.56KHz and 2.4KHz.
Figure 1. Input-stages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com