Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7110DB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AMC7110DB
Description  White/Blue LED Driver for Li-Ion Battery Application
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7110DB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AMC7110DB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AMC DOC. #: AMC7110_B
JUNE 2005 V2.0
Copyright © 2004, ADD Microtech Corp.
1
www.addmtek.com
DESCRIPTION
FEATURES
No external component required.
LED sink current 20 mA and 15mA
Individual current sink circuit for all
LEDs outputs to prevent short / open
circuit on LEDs.
PTC LED current for luminosity
compensation.
3 channels (SOT-26), 4 channels
(MSOP-8) available.
90% efficiency
Supply voltage range 2.7V ~ 6V
0.1uA standby current
2KV HBM ESD protection
Advanced Bi-CMOS process
APPLICATIONS
The AMC7110 series is member of ADDM
North Star White/Blue LED driver family. No
external component is required. Especially good
for use Li-ion battery powered LCD display’s
backlight white LEDs. The special circuit design
provides over 90% efficiency in low noise.
Target end applications are color LCD display,
such as mobile phone with color display, smart
phone, PDA, etc.
Device Name
LED Sink Current
LED Number
AMC7110
20mA
3
AMC7111
20mA
4
AMC7113
15mA
3
AMC7114
15mA
4
Small Size Color LCD Backlights
Mobile Phone, Smart Phone Keypad
Backlights.
PACKAGE PIN OUT
ORDER INFORMATION
Plastic SOT-26
Plastic MSOP-8
TA (
OC)
DB
6-pin
DN
8-pin
0 to 70
AMC7110DB
AMC7111DN
0 to 70
AMC7113DB
AMC7114DN
Note: Surface-mount packages is available in Tape & Reel. Append “T” to part number (i.e., AMC7111DNT).
DB is only available in Tape & Reel. Append “T” to part number (i.e., AMC7110DBT).
AMC7110/1/3/4
White/Blue LED Driver for
Li-Ion Battery Application
AMC7110, AMC7113
SOT-26
LED1
V
DD
GND
EN
LED3
1
2
3
4
6
LED2
5
AMC7111, AMC7114
MSOP-8
V
DD
PGND
EN
LED1
1
GND
2
LED2
LED3
LED4
3
4
8
7
6
5
®
A
A
A
ADD MICROTECH CORP.


Similar Part No. - AMC7110DB

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7110DBF ADDTEK-AMC7110DBF Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
More results

Similar Description - AMC7110DB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
03-Sep-07
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com