Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBR-123 Datasheet(PDF) 2 Page - DATEL, Inc.

Part # LBR-123
Description  5 Volt Positive Fixed Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

LBR-123 Datasheet(HTML) 2 Page - DATEL, Inc.

  LBR-123 Datasheet HTML 1Page - DATEL, Inc. LBR-123 Datasheet HTML 2Page - DATEL, Inc. LBR-123 Datasheet HTML 3Page - DATEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LVR-123
5 Volt Positive Fixed VoltageRegulator
®
®
DATEL
11 Cabot Boulevard, Mansfield, MA 02048-1151 USA
Tel: (508) 964-5131 www.datel.com
e-mail: help@datel.com
MDA_LVR-123.B01 Page 2 of 3
LVR-123
➀
Without a heat sink, the thermal resistance of the TO-3 package is about 35°C/Watt. With a heat sink, the effective thermal resistance can only approach the
value of 2°C/Watt, depending on the efficiency of the heat sink.
FUNCTIONAL SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, -55°C ≤ T A ≤ 125°C (unless otherwise specified).
PARAMATER
SYMBOL
TEST CONDITIONS
MIN.
MAX.
UNIT
Output Voltage
Vout
VIN = 7.5V, IO = 0mA
TA = +25°C
4.95
5.05
V
7.5V≤VIN≤15V, 0A≤IO≤3A, P≤ 30W
–55°C to +125°C
4.85
5.15
V
Line Regulation ➀
VRLine
7.5V≤VIN≤15V, IO = 0mA
TA = +25°C
-10
+10
mV
Load Regulation ➀
VRLoad
VIN=7.5, 0A ≤ IO ≤ 3A
TA = +25°C
-50
+50
mV
Quiescent current
IQ
7.5V≤ VIN ≤15V, 0A≤ IO ≤3A
TA = +25°C
–
20
mA
–55°C to +125°C
–
20
mA
Short Circuit Current
ISC
VIN = 7.5V
TA = +25°C
–
6
A
VIN = 15 V
TA = +25°C
–
4.5
A
Ripple Rejection
RR
8V≤ VIN ≤18V, IOUT = 2.0 A, f = 120 Hz,
TA = +25°C
56
-
dB
Long Term Stability ➁
S
–55°C to +125°C
–
35
mV
➀
Load and line regulation are tested with pulsed low duty cycle techniques where pulse width ≤1 ms and duty cycle ≤ 5 percent.
➁
Guaranteed, if not tested, to the limits specified herein.
MECHANICAL DIMENSIONS
IN (1)
2.0μf
Tantalum
GND (S)
OUT (2)
10μf
Tantalum
Connections fixed Regulator
Package Dimension
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
Input Voltage
+20
V
Operating Junction Temperature Range
–55 to +125
°C
Lead temperature
(soldering, 10 seconds)
+300
°C
Junction temperature (TJ)
+150
°C
Maximum Output Current
3
A
Maximum Power Dissipation
Internally Limited
W
PHYSICAL/ENVIRONMENTAL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
MC, MC-C
0
+70
°C
ME, ME-C
–40
+100
°C
MM, MM-C, QL, QL-C
–55
+125
°C
Thermal Resistance
See MIL-STD-1835
Junction to case
θjc ➀
—
3
—
°C/Watt
Storage Temperature Range
-65
—
+150
°C
Package Type
TO-3 Package
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
1
VIN
2
VOUT
Case
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com