Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP8285 Datasheet(PDF) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8285
Description  32-bit MCU & 2.4 GHz Wi-Fi SoCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8285 Datasheet(HTML) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8285 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8285 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
#
1. Overview
1.2. Specifications
Table 1-1. Specifications
Categories
Items
Parameters
Wi-Fi
Certification
Wi-Fi Alliance
Protocols
802.11 b/g/n (HT20)
Frequency Range
2.4G ~ 2.5G (2400M ~ 2483.5M)
TX Power
802.11 b: +20 dBm
802.11 g: +17 dBm
802.11 n: +14 dBm
Rx Sensitivity
802.11 b: –91 dbm (11 Mbps)
802.11 g: –75 dbm (54 Mbps)
802.11 n: –72 dbm (MCS7)
Antenna
PCB Trace, External, IPEX Connector, Ceramic Chip
Hardware
CPU
Tensilica L106 32-bit processor
Peripheral Interface
UART/SDIO/SPI/I2C/I2S/IR Remote Control
GPIO/ADC/PWM/LED Light & Button
Operating Voltage
2.7V ~ 3.6V
Operating Current
Average value: 80 mA
Operating Temperature Range
–40°C ~ 125°C
Package Size
QFN32-pin (5 mm x 5 mm)
External Interface
-
Software
Wi-Fi Mode
Station/SoftAP/SoftAP+Station
Security
WPA/WPA2
Encryption
WEP/TKIP/AES
Firmware Upgrade
UART Download / OTA (via network)
Software Development
Supports Cloud Server Development / Firmware and SDK
for fast on-chip programming
Network Protocols
IPv4, TCP/UDP/HTTP
User Configuration
AT Instruction Set, Cloud Server, Android/iOS App
���� Note:
The TX power can be configured based on the actual user scenarios.
Espressif
# /#
2 25
2018.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com