Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555P Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # SA555P
Description  PRECISION TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

SA555P Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  SA555P Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. SA555P Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NE555,SA555,SE555
PRECISION TIMERS
www.artschip.com
4
Operating characteristics, Vcc=5V and 15V
SE555
NE555
SA555
Parameter
Test
Conditions †
MIN
TYP
MAX
MIN
TYP
MAX
Unit
Each timer, monostable§
0.5
1.5*
1
3
Initial error
of timing interval
Each timer, astable¶
TA=25℃
1.5
2.25
%
Each timer, monostable§
30
100*
50
Temperature
coefficient
of timing interval
Each timer, astable¶
TA=Min to Max
90
150
ppm/℃
Each timer, monostable§
0.05
0.2*
0.1
0.5
Supply-voltage sensitivity
of timing interval
Each timer, astable¶
TA=25℃
0.15
0.3
%/V
Output-pulse rise time
CL=15pF
TA=25℃
100
200*
100
300
Ns
Output-pulse fall time
CL=15pF
TA=25℃
100
200*
100
300
ns
*On products compliant to MIL-PRF-38535, this parameter is not production tested.
†For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
Timing interval error is defined as the difference between the measured value and the average value of a random sample from
each process run.
§ Values specified are for a device in a monostable circuit similar to Figure 9, with the following component values: RA=2kΩ to
100kΩ C=0.1µF.
¶ Values specified are for a device in an astable circuit similar to Figure 12. With the following component values: RA=1kΩ to
100KΩ, C=0.1µF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com