Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1083 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # TDA1083
Description  One Chip AM/FM Radio with Audio Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

TDA1083 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  TDA1083 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. TDA1083 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TDA1083
One Chip AM/FM Radio with Audio Power Amplifier
www.artschip.com
2
Electrical Characteristics
Vs=9V, reference points Pin 3 and 11, Tamb = 25℃, unless otherwise specified
Parameters
Test Conditions / Pin
Symbol
Min
Typ
Max
Unit
AF amplifier
AF voltage amplification
F=1 kHz
Gv
40
dB
Input impedance
Ri
150
kΩ
Output power
Figures 4 and 5
Vs=5.5V
RL=8Ω, K=10%
Po
300
mW
AM-IF amplifier, fi=1 MHz, fIF=455kHz, fmod=1 kHz, m=0.3
DC voltages at AM mode
Without signal
Vs=3V
Pin 10
Pin 12
Pin 13
Pin 16
Is=42mA
Pin 10
(Vs=12.5 to 14.3V)
Pin 12
Pin 13
Pin 16
V10
V12
V13
V16
V10
V12
V13
V16
1.0
3.0
1.25
5.9
12.5
1.5
1.2
3.0
1.2
13.3
1.4
3.0
2.0
7.2
14.3
2.0
V
V
V
V
V
V
V
V
Regulation range
VOAF/VOAF =-10dB
Pin 6
Δ
Vi
70
dB
AF voltage at demodulator
output
Pin 8
VOAF
100
mV
FM-IF amplifier, fIF=10.7 MHz, Δf=±22.5 kHz, fmod=1 kHz
DC voltages at FM mode
without signal
Vs=3V
Pin 10
Pin 12
Pin 13
Pin 16
Is=42mA
Pin 10
(Vs=12.5 to 14.3V)
Pin 12
Pin 13
Pin 16
V10
V12
V13
V16
V10
V12
V13
V16
1.0
3.0
1.8
5.9
12.5
2.0
1.2
3.0
1.2
13.3
1.4
3.0
2.8
7.2
14.3
3.1
V
V
V
V
V
V
V
V
Limiting threshold (-3dB)
Pin 2
VI
50
µV
AF voltage at demodulator
output
Pin 8
VOAF
100
mV
Different dc voltages are developed at Pin 16 due to gain spread of AM-IF-amplifier. To determine the value of parallel resistance
R8, at the output of the demodulator Pin 8 for Vs =9V, AM mode without signal, dc voltage should be selected at Pin 16.
Table 1. Available in following voltage groups
V16
1.4 to 1.7V
1.7V to 1.9V
1.9 to 2.1V
R8
∞
47kΩ
33kΩ
Group
1
2
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com