Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4524EEVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4524EEVB
Description  28V 2A Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524EEVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC4524EEVB Datasheet HTML 1Page - Semtech Corporation SC4524EEVB Datasheet HTML 2Page - Semtech Corporation SC4524EEVB Datasheet HTML 3Page - Semtech Corporation SC4524EEVB Datasheet HTML 4Page - Semtech Corporation SC4524EEVB Datasheet HTML 5Page - Semtech Corporation SC4524EEVB Datasheet HTML 6Page - Semtech Corporation SC4524EEVB Datasheet HTML 7Page - Semtech Corporation SC4524EEVB Datasheet HTML 8Page - Semtech Corporation SC4524EEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
POWER MANAGEMENT

28V 2A Step-Down Switching Regulator
SC4524E
© 203 Semtech Corporation
Typical Application Circuit
Features
Wide Input Voltage Range: 3V to 28V
2A Output Current
200kHz to 2MHz Programmable Frequency
Precision V Feedback Voltage
Peak Current-Mode Control
Cycle-by-Cycle Current Limiting
Hiccup Overload Protection with Frequency Foldback
Soft-Start and Enable
Thermal Shutdown
Thermally Enhanced 8-pin SOIC Package
Fully RoHS and WEEE Compliant
Applications
XDSL and Cable Modems
Set Top Boxes
Point of Load Applications
CPE Equipment
DSP Power Supplies
LCD and Plasma TVs
Automotive Car Audio
Description
The SC4524E is a constant frequency peak current-mode
step-down switching regulator capable of producing 2A
output current from an input ranging from 3V to 28V. The
switching frequency of the SC4524E can be programmed
up to 2MHz for component miniaturization or it can be
set at lower frequencies to accommodate high step-down
ratios. The SC4524E is suitable for next generation XDSL
modems, high-definition TVs and various point of load
applications.
Peak current-mode PWM control employed in the
SC4524E achieves fast transient response with simple loop
compensation. Cycle-by-cycle current limiting and hiccup
overload protection reduces power dissipation during
output overload. Soft-start function reduces input start-
up current and prevents the output from overshooting
during power-up.
The SC4524E is available in SOIC-8 EDP package.
Figure 1. 1MHz 10V-28V to 5V/2A Step-down Converter
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
VIN = 24V
SS270 REV 4
VIN = 12V
Fig.1 Efficiency of the 1M Hz 10V-28V to 5V/2A Step-Down Converter (Front Page)
SC4524E
G ND
IN
SW
BST
L1
8.2mH
C 1
0.33mF
SS/EN
CO M P
FB
D2
20BQ030
10.5k
R6
42.2k
10nF
C 8
22pF
C 5
2.2nF
L1: Coiltronics DR 73-8R 2
O UT
5V/2A
D 1
1N4148
10V – 28V
RO SC
C 2: M urata G RM 31CR 60J226K
C 4
2.2mF
C 4: M urata G RM 31CR 71H 225K
V IN
C2
22mF
C 7
R4
15.8k
R5
28.0k
R7
Rev. 2.0


Similar Part No. - SC4524EEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524EVB SEMTECH-SC4524EVB Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
More results

Similar Description - SC4524EEVB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4525A SEMTECH-SC4525A Datasheet
780Kb / 19P
28V 3A Step-Down Switching Regulator
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A_08 Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4524C SEMTECH-SC4524C Datasheet
802Kb / 21P
28V 2A Step-Down Switching Regulator Wide input range: 3V to 28V
logo
Samtec, Inc
SC4524CSETRT SAMTEC-SC4524CSETRT Datasheet
573Kb / 22P
28V 2A Step-Down Switching Regulator
logo
Semtech Corporation
SC4525E SEMTECH-SC4525E Datasheet
941Kb / 23P
28V 3A Step-Down Switching Regulator
SC4525EM SEMTECH-SC4525EM Datasheet
1Mb / 23P
28V 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com