Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

970B Datasheet(PDF) 3 Page - MKS Instruments.

Part # 970B
Description  COLD CATHODE TRANSDUCER FAMILY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

970B Datasheet(HTML) 3 Page - MKS Instruments.

  970B Datasheet HTML 1Page - MKS Instruments. 970B Datasheet HTML 2Page - MKS Instruments. 970B Datasheet HTML 3Page - MKS Instruments. 970B Datasheet HTML 4Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Series 971B
Series 972B
Series 974B
Sensor Type
Cold Cathode
Cold Cathode / MicroPirani
(MEMS Thermal Conductivity)
Cold Cathode / MicroPirani
(MEMS Thermal Conductivity) / Piezo
Differential (MEMS Diaphragm)
Measuring Range Absolute
1 x 10-8 Torr to 5 x 10-3 Torr
1 x 10-8 Torr to Atmosphere
1 x 10-8 Torr to 1500 Torr
Measuring Range Differential
not available
not available
-760 to +760 Torr
Set Point Range Absolute
1 x 10-8 Torr to 5 x 10-3 Torr
1 x 10-8 Torr to Atmosphere
1 x 10-8 Torr to 1000 Torr
Set Point Range Differential
not available
not available
-760 to +100 Torr
Calibration Gas
Nitrogen
Nitrogen
Nitrogen
Operating Temperature Range
0° to 40°C (32° to 104°F)
0° to 40°C (32° to 104°F)
0° to 40°C (32° to 104°F)
Maximum Bakeout Temperature
80°C (176°F), non-operating
80°C (176°F), non-operating
80°C (176°F), non-operating
Digital Communications
RS485 or RS232
RS485, RS232 or EtherCAT
RS485 or RS232
Electrical Connectors
RS232/RS485/Analog
EtherCAT (972B only)
15-pin D-subminiature male
15-pin D-subminiature male
15-pin D-subminiature male
Two (2) RJ45 female
15-pin D-subminiature male
Controls
Pressure units, baud rate, address, factory
default, user tag, RS485 test, gas correction; set
point functions: value, hysteresis, direction, HV
enable, protect, control set point, gas type
Pressure units, baud rate, address, factory
default, user tag, RS485 test, gas correction; set
point functions: value, hysteresis, direction, HV
enable, protect, control set point, gas type
Pressure units, baud rate, address, factory
default, user tag, RS485 test, gas correction; set
point functions: value, hysteresis, direction, HV
enable, protect, control set point, gas type
Status
Pressure reading and units, set point,
transducer temperature, user tag, model, device
type, serial number, firmware and hardware
versions
Pressure reading and units, set point,
transducer temperature, user tag, model, device
type, serial number, firmware and hardware
versions
Pressure reading and units, set point,
transducer temperature, user tag, model, device
type, serial number, firmware and hardware
versions
Analog Output
(Absolute Pressure)
0.5 VDC / decade
0.5 VDC / decade
0.5 VDC / decade
Relays, Optional RS232/RS485
3 relays, SPST
3 relays, SPST
3 relays, SPST
Relay Contact Rating
1 A @ 30VAC/DC, resistive
1 A @ 30VAC/DC, resistive
1 A @ 30VAC/DC, resistive
Power Requirements
9-30 VDC, 2 W
9-30 VDC, 2 W
9-30 VDC, 2 W
Accuracy (Typical)
Combined Absolute
5 x 10-8 Torr to 10-3 ± 30% of reading
5 x 10-8 Torr to 10-3 ± 30% of reading
10-3 to 100 ±5% of reading
5 x 10-8 Torr to 10-3 ± 30% of reading
10-3 to 50 Torr ±5% of reading
50 to 1000 Torr ± 1% of reading
Repeatability (Typical)
Combined Absolute
5 x 10-8 Torr to 10-3 ± 30% of reading
5 x 10-8 Torr to 10-3 ± 30% of reading
10-3 to 100 ±2% of reading
5 x 10-8 Torr to 10-3 ± 30% of reading
10-3 to 50 ±2% of reading
50 to 1000 Torr ± 1% of reading
Accuracy (Typical) 1
Differential
not available
not available
-10 to +10 Torr ±10% of reading
-100 to -10 Torr ±8% of reading
-760 to -100 Torr ±1% of reading
+10 to 100 Torr ±5% of reading
Repeatability (Typical) 1
Differential
not available
not available
-760 to +10 Torr ±1% of reading
Zero Stability (Typical) 1
Differential
not available
not available
±0.1% of Full Scale (F.S. = 760 Torr)
Overpressure Limit
1500 Torr
1500 Torr
1500 Torr
Installation Orientation
Any
Any
Any
Internal Volume
21 cm3
21 cm3
21 cm3
Materials Exposed to Vacuum
304 and 403 stainless steel, Viton®,
Cu-Ni and Ag-Cu alloy, ceramic, titanium
304 and 403 stainless steel, silicon, SiO
2, SiN4,
gold, Viton®, epoxy resin, ceramic, titanium
304 and 403 stainless steel, silicon, SiO
2, SiN4,
gold, Viton®, epoxy resin, ceramic, titanium
Electronic Casing
304 stainless steel
304 stainless steel
304 stainless steel
Weight (with NW25 KF Flange)
12.7 oz (360 g)
12.7 oz (360 g)
12.7 oz (360 g)
Compliance
CE
CE, ETG.5003.2080 Vacuum Pressure Gauge
CE
1
Note: Accuracy and repeatability are typical values measured with Nitrogen gas at ambient temperature after zero adjustment.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com