Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW9136 Datasheet(PDF) 21 Page - Shanghai awinic technology co.,ltd

Part # AW9136
Description  3-Key Capacitive Touch Controller Integrated with 6-LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9136 Datasheet(HTML) 21 Page - Shanghai awinic technology co.,ltd

Back Button AW9136 Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW9136 Datasheet HTML 25Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
AW9136
June. 2018 V1.2
www.awinic.com.cn
21
Copyright © 2012 SHANGHAI AWINIC TECHNOLOGY CO., LTD
SETSTEPTMRI Pre Ch Im
1
0
0
Ch[4:0]
Pre
-
Im[5:0]
SETPWMI Ch Im
1
0
1
Ch[4:0]
Im[7:0]
RAMPI Dir Ch Im
1
1 Dir
Ch[4:0]
Im[7:0]
LED Controller Instruction:
-
SETPWM:
set the LEDx brightness, 0~255;
-
RAMP:
set the LEDx Fade in/out steps, 0~255;
-
SETSTEP:
set the LEDx RAMP step time;
The LED controller instruction supports register parameters and immediate data in internal SRAM mode. The
register is RA/RB/RC/RD.
With the internal SRAM instruction, when the Rx/Ch is
‘11111’, the channel of CTRSR.bitx=0 is effective;
when Rx/Ch is
‘11110’, the channel of GMSKx=0 is effective.
When using the external I2C instruction, the LED controller instruction can only support immediate data mode.
Table 6 LED Control Instruction Illustration
Instruction
Illustration
Register Parameter
SETPWMR
Rx Ry
Encoding: 0x40xx
Set the PWM brightness level
Rx: LED channel number, 2~7
Ry: Brightness level, 0~255
RAMPR
Dir Rx Ry
Encoding: 0x43xx(Fade-in)/0x42xx(Fade-out)
Set the steps of Fade-in/Fade-out
Dir: 1: Fade-in; 0: Fade-out
Rx: LED channel number, 2~7
Ry: the steps of Fade-in/Fade-out
SETSTEPTMRR
Pre Rx Ry
Encoding: 0x44xx
Set the RAMP step time
Pre: basic unit of time,
0: 0.5ms; 1: 16ms
Rx: LED channel number, 2~7
Ry: RAMP step time = (Ry+1)*Pre, 0~255
Immediate Data
SETPWMI Ch Im
Encoding: 0xAxxx-0xBxxx
Set the PWM brightness level
Ch: LED channel number, 2~7
Im: Brightness level, 0~255
RAMPI Dir Ch Im
Encoding: 0xExxx-0xFxxx(Fade-in)
0xCxxx-0xDxxx(Fade-out)
Set the steps of Fade-in/Fade-out
Dir: 1: Fade-in; 0: Fade-out
Ch: LED channel number, 2~7
Im: the steps of Fade-in/Fade-out
SETSTEPTMRI
Pre Ch Im
Encoding: 0x8xxx
Set the RAMP step time
Pre: basic unit of time,
0: 0.5ms; 1: 16ms
Ch: LED channel number, 2~7
Im: RAMP step time = (Im +1)*Pre, 0~255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com