Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW9203CSR Datasheet(PDF) 17 Page - Shanghai awinic technology co.,ltd

Part # AW9203CSR
Description  3-Key Capacitive Touch Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW9203CSR Datasheet(HTML) 17 Page - Shanghai awinic technology co.,ltd

Back Button AW9203CSR Datasheet HTML 13Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 14Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 15Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 16Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 17Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW9203CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
AW9203
June 2018 V1.2
www.awinic.com.cn
17
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
10.2
GLOBAL REGISTER DESCRIPTION
10.2.1
IDRST, Chip ID and Software Reset
Address: 0x00, R/W
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bit
Symbol
Description
15:0
IDRST
Chip ID: 0xB223
Software Reset: write 0x55AA to IDRST, reset the whole device.
10.2.2
GCR, Global Control Register
Address: 0x01, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SENE
-
Bit
Symbol
Description
1
SENE
Touch Key detection function
0: disable touch key detection (default)
1: enable touch key detection
10.3
CAPACITIVE TOUCH DETECTION REGISTERS
10.3.1
SLPR, Sensor Sleep Control Register
Address: 0x02, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
SLP3 SLP2 SLP1
0
0
Bit
Symbol
Description
4:2
SLP3~SLP1 Sensor sleep control
0: sensor work
(default)
1: sensor sleep
10.3.2
KINTER, Key Interrupt Enable Register
Address: 0x03, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
KIMD
FRME
0
0
IE3
IE2
IE1
0
0
Bit
Symbol
Description
4:2
IE3~1
Key Interrupt enable, pull INTN to GND when triggering interrupt.
0: disable interrupt
(default)
1: enable interrupt
5:6
-
Reserved, must be 0
7
FRME
Sensor Scan Frame interrupt enable
0: disable frame interrupt (default)
1: enable frame interrupt
9:8
KIMD
Interrupt mode
00: interrupt occurs when touch status changed
(default)
01: interrupt occurs when touch status changed from 1 to 0
10: interrupt occurs when touch status changed from 0 to 1
11: interrupt occurs when touch status is 1
10.3.3
AKSCR, Adjacent Key Suppression Configuration Register
Address: 0x07, R/W, default: 0x0000
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
0
0
0
ASEL[3:1]
0
0
Bit
Symbol
Description
4:2
ASEL
Adjacent Key Suppression Configuration, only one of ASEL=1 keys can be triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com