Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AW33809CSR Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW33809CSR
Description  Over-Voltage Protection Load Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW33809CSR Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW33809CSR Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW33809CSR Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AW33801/AW33802
AW33805/AW33809/AW33812
Jan 2018 V1.2
www.awinic.com.cn
4
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
OUT
OVLO
IN
GND
CIN
0.1µF
50V
R1
R2
COUT
1µF
PMIC
Battery
USB
Port
AW33801
AW33802
AW33805
AW33809
AW33812
Charger
TVS
Figure 5 AW338XX typical application circuit(using external OVP threshold)
Notice for Typical Application Circuits:
1.
When the default OVP threshold is used, connect OVLO pin to GND directly or through a 0
Ω resistor. OVLO
pin cannot be left floating.
2.
If R1 and R2 are used to adjust the OVP threshold, in order to speed up the OVP response, R1 + R2 < 100k
Ω
is recommended. It is better to use 1% precision resistors to improve the OVP threshold precision.
3.
CIN = 0.1
μF is recommended for typical application, larger CIN is also acceptable. The rated voltage of CIN
should be larger than the TVS maximum clamping voltage, if no TVS is applied and only AW338XX is used,
the rated voltage of CIN should be 50V.
4.
COUT = 1
μF is recommended for typical application, larger COUT is also acceptable. The rated voltage of
COUT should be larger than the OVP threshold. For example, if the OVP threshold is 6.8V, the rated voltage
of COUT should be 10V or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com