Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A19350LUBATN-RPE-A Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A19350LUBATN-RPE-A
Description  High Accuracy GMR Wheel Speed and Direction Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19350LUBATN-RPE-A Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A19350LUBATN-RPE-A Datasheet HTML 3Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 4Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 5Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 6Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 7Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 8Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 9Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 10Page - Allegro MicroSystems A19350LUBATN-RPE-A Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19350
7
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
The A19350 sensor IC contains a single-chip GMR circuit that uses
spaced elements. These elements are used in differential pairs to
provide electrical signals containing information regarding edge
position and direction of rotation. The A19350 is intended for use
with ring magnet targets as shown in Figure 8. The IC detects the
peaks of the magnetic signals and sets dynamic thresholds based on
these detected signals.
Data Protocol Description
When a target passes in front of the device (opposite the branded
face of the package case), the A19350 generates an output pulse
for each magnetic pole-pair of the target. Speed information is
provided by the output pulse rate, while direction of target rota-
tion is provided by the duration of the output pulses. The sensor
IC can sense target movement in both the forward and reverse
directions.
Forward Rotation. For the -Fxx variant, when the target is
rotating such that a target feature passes from pin 1 to pin 2, this
is referred to as forward rotation. This direction of rotation is indi-
cated on the output by a tW(FWD) pulse width. For the -Rxx variant,
forward direction is indicated for target rotation from pin 2 to 1.
Reverse Rotation. For the -Fxx variant, when the target is
rotating such that a target feature passes from pin 2 to pin 1, this is
referred to as reverse rotation. This direction of rotation is indi-
cated on the output by a tW(REV) pulse width. For the -Rxx variant,
reverse direction is indicated for target rotation from pin 1 to 2.
Figure 7: Package Orientation
Bx
Bz
By
Pin 1
Figure 8: Parallel Orientation
Rotation
Pin 1
BOP
BOP
BRP
BRP
BOP
Device Orientation to Target
IC
E4
E2 E1
(Pin 1 Side)
(Pin 2 Side)
Package Case Branded Face
Target Magnetic Profile
+B
–B
Mechanical Position (Target moves past device pin 1 to pin 2)
S
N
N
Target
(Radial Ring Magnet)
This pole
sensed earlier
This pole
sensed later
(Top View of
Package Case)
Channel
Element Pitch
Channel B
Channel A
Channel B
Channel A
Channel B
Element Pitch
Channel A
Element Pitch
E3
N
IC Internal Differential Analog Signals, BDIFF
Detected Channel Switching
Output (pulse protocol)
ICC(HIGH)
ICC(LOW)
S
N
N
Figure 9: Basic Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com