Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELIO18WESA Datasheet(PDF) 3 Page - SOURIAU-SUNBANK Connection Technologies

Part # ELIO18WESA
Description  Robust Multiways Singlemode Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Direct Link  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies

ELIO18WESA Datasheet(HTML) 3 Page - SOURIAU-SUNBANK Connection Technologies

  ELIO18WESA Datasheet HTML 1Page - SOURIAU-SUNBANK Connection Technologies ELIO18WESA Datasheet HTML 2Page - SOURIAU-SUNBANK Connection Technologies ELIO18WESA Datasheet HTML 3Page - SOURIAU-SUNBANK Connection Technologies ELIO18WESA Datasheet HTML 4Page - SOURIAU-SUNBANK Connection Technologies ELIO18WESA Datasheet HTML 5Page - SOURIAU-SUNBANK Connection Technologies ELIO18WESA Datasheet HTML 6Page - SOURIAU-SUNBANK Connection Technologies ELIO18WESA Datasheet HTML 7Page - SOURIAU-SUNBANK Connection Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Recommended cables
ELIO® contact dimensions
SOURIAU can offer a wide range of cables in its assemblies, from low cost to high performance aeronautical cables.
ELIO® contact is compatible with singlemode and multimode cable, with tactical and breakout cable.
ELIO® contact is suitable with loose and tight structure cable.
See SOURIAU «ELIO® Fiber Optic Technology» catalogs for more information.
21
27 max
12 max
6 max
Cable
Protective cap
(shape may vary)
Ferrule holder
Bayonnet
Spring
O-ring
Long boot
Short
boot
No boot
Note: All dimensions are in millimeters (mm)
ELIO® singlemode contact
Ordering information
ELIO
09N
E
L
A
Cable external diameter & Contact sealing:
09N: 0.9±0.1mm. Non waterproof
18N: from 1.5mm to 1.9mm. Non waterproof
18W: 1.8±0.1mm. Waterproof
20N: from 1.7mm to 2.1mm. Non waterproof
20W: 2.0±0.1mm. Waterproof
Fibre type:
E: ELIO® Singlemode 9/125, PC polish
Boot type:
L: Long boot
S: Short boot
N: No boot (non waterproof version only)
Contact version index
38999 Series III | ELIO® Singlemode Fiber Optic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com