Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA21 Datasheet(PDF) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTA21
Description  Bluetooth Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTA21 Datasheet(HTML) 13 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTA21 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTA21 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
http://www.buddies-tech.com
BTA21 DATASHEET
13
4.6
Serial Interfaces
4.6.1
UART
This is a standard UART interface for communicating with other serial devices. The UART
interface provides a simple mechanism for communicating with other serial devices using
the RS232 protocol.
When the module is connected to another digital device, UART_RX and UART_TX
transfer data between the two devices. The remaining two signals, UART_CTS and
UART_RTS, can be used to implement RS232 hardware flow control where both are
active low indicators.
4.6.2
SPI
The synchronous serial port interface (SPI) can be used for system debugging. It can also be
used for in-system programming for the flash memory within the module. SPI interface
uses the SPI_MOSI, SPI_MISO, SPI_CSB and SPI_CLK pins. Testing points for the SPI
interface are reserved on board in case that the firmware shall be updated during
manufacture.
The module operates as a slave and thus SPI_MISO is an output of the module.
SPI_MISO is not in high-impedance state when SPI_CSB is pulled high. Instead, the
module outputs 0 if the processor is running and 1 if it is stopped. Thus the module
should NOT be connected in
a multi-slave arrangement by simple parallel connection
of slave SPI_MISO lines.
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com