Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM8610 Datasheet(PDF) 21 Page - BUDDIES TECHNOLOGY LIMITED.

Part # BTM8610
Description  Bluetooth Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

BTM8610 Datasheet(HTML) 21 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button BTM8610 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 21Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 22Page - BUDDIES TECHNOLOGY LIMITED. BTM8610 Datasheet HTML 23Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
http://www.buddies-tech.com
BTM8610 DATASHEET
21
Fsample
Load
8kHz
100k
-
0.0025
-
%
8kHz
32
-
0.0056
-
%
8kHz
16
-
0.0108
-
%
48kHz
100k
-
0.0027
-
%
48kHz
32
-
0.0067
-
%
THD+N
fin = 1kHz
B/W = 20Hz→20kHz
0dBFS input
48kHz
16
-
0.0122
-
%
Digital Gain
Digital Gain Resolution = 1/32
-24
-
21.5
dB
Analogue Gain
Analogue Gain Resolution = 3dB
-21
-
0
dB
Output voltage
full- scale swing
-
-
-
778
mV rms
Table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com