Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MULTIGASTFS Datasheet(PDF) 2 Page - MKS Instruments.

Part # MULTIGASTFS
Description  MULTI-COMPONENT ONLINE GAS ANALYZER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

MULTIGASTFS Datasheet(HTML) 2 Page - MKS Instruments.

  MULTIGASTFS Datasheet HTML 1Page - MKS Instruments. MULTIGASTFS Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications and
Ordering Information
MultiGas TFS - 10/18
© 2017-2018 MKS Instruments, Inc.
All rights reserved.
Some MultiGas™ products may not be exported to many end user countries without both U.S. and local government export
licenses under ECCN 2B351. However, the MultiGas™ TFS™, as described above, is controlled under EAR99 and therefore is
excluded from most CCL-based export licensing requirements. MKS does not warrant the future accuracy of these statements.
The exporter is solely responsible for satisfying applicable export laws. Some Baratron® capacitance manometer products may
not be exported to many end user countries without both US and local government export licenses under ECCN 2B230.
Specifications are subject to change without notice. mksinst™, MultiGas™, and TFS™ are trademarks and Baratron® is a
registered trademark of MKS Instruments, Inc., Andover, MA. Swagelok® and VCR® are registered trademarks of Swagelok
Marketing, Co., Solon, OH. Viton® is a registered trademark of E.I. Dupont Co., Wilmington, DE.
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel:
978.645.5500
Tel:
800.227.8766 (in USA)
Web: www.mksinst.com
MKS Instruments, Inc.
Process & Environmental Analysis Solutions
651 Lowell Street
Methuen, MA 01844
Tel:
978.645.5500
Please contact your local MKS office for price and availability information.
Analyzer
Measurement Technique
IR absorption using Tunable Filter Spectrometry
Measurable Gases
All IR active gases
Gas Cell Path Length
10 meter, with proprietary high throughput folded path design
Update Rate
1 - 120 seconds (software configurable)
Calibration
Factory calibrated; no recalibration required
Zero Drift
<15 ppb per day (typical)
Optics Purge Flow
0.2 L/min of dry nitrogen or CO
2 - free clean, dry air with dewpoint below -70°C
Pressure Transducer
MKS Baratron® capacitance manometer to compensate for sample pressure variations
Purge Connection
1/8'' Swagelok®
Dimensions
19'' W x 7'' H x 25'' D (48.3 cm W x 17.8 cm H x 64.5 cm D)
Installation
19'' rack mount chassis
Power
120 VAC, 60 Hz, 3.3A / 230 VAC, 50 Hz, 1.7A
Weight
35 lbs. (16kg)
Sampling Parameters
Sample Temperature
10 - 50°C (nominal)
Sample Flow
0.5 L/min (nominal)
Sample Pressure
1 atm ±0.1 (nominal)
Gas Cell
Construction
Nickel coated Al
Fittings
4 Swagelok VCR®
Tubing
¼'' stainless steel
Mirrors
Nickel plated aluminum substrate, with rugged gold coating
Windows
ZnSe
O-rings
Viton®
Communication Options
Communication Protocol
Modbus TCP/IP or Modbus RS-485
Four, 4 – 20 mA analog output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com