Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS772 Datasheet(PDF) 40 Page - Allegro MicroSystems

Part # ACS772
Description  High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS772 Datasheet(HTML) 40 Page - Allegro MicroSystems

Back Button ACS772 Datasheet HTML 33Page - Allegro MicroSystems ACS772 Datasheet HTML 34Page - Allegro MicroSystems ACS772 Datasheet HTML 35Page - Allegro MicroSystems ACS772 Datasheet HTML 36Page - Allegro MicroSystems ACS772 Datasheet HTML 37Page - Allegro MicroSystems ACS772 Datasheet HTML 38Page - Allegro MicroSystems ACS772 Datasheet HTML 39Page - Allegro MicroSystems ACS772 Datasheet HTML 40Page - Allegro MicroSystems ACS772 Datasheet HTML 41Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth,
Galvanically Isolated Current Sensor IC with 100 µΩ Current Conductor
ACS772
40
Allegro MicroSystems, LLC
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 13: Package CB, 5-Pin, Leadform PSS
For Reference Only– Not for Tooling Use
(Reference DWG-9111, DWG-9110)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
2 3
1
4
5
A
2.75 ±0.10
3.18 ±0.10
1.50 ±0.10
14.0 ±0.2
4.0 ±0.2
3.0 ±0.2
10.00 ±0.10
0.51 ±0.10
7.00 ±0.10
1.9 ±0.2
13.00 ±0.10
4.40 ±0.10
11.0 ±0.05
23.50 ±0.5
0.381+0.060
–0.030
Branded
Face
A Dambar removal intrusion
1.91
∅
0.8
∅
1.5
B
PCB Layout Reference View
B
C
Perimeter through-holes recommended
Branding scale and appearance at supplier discretion
1
C
XXXXXXX
XXX-XXX
XXXXXXX
XXXX
Lines 1, 2, 3, 4 = 7 characters.
Line 1: Part Number
Line 2: Package Temperature - Amperes
Line 3: Lot Number
Line 4: Date Code, Logo A
Standard Branding Reference View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com